Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092A Datasheet(PDF) 23 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 23 Page - Gennum Corporation

Back Button GS9092A_10 Datasheet HTML 19Page - Gennum Corporation GS9092A_10 Datasheet HTML 20Page - Gennum Corporation GS9092A_10 Datasheet HTML 21Page - Gennum Corporation GS9092A_10 Datasheet HTML 22Page - Gennum Corporation GS9092A_10 Datasheet HTML 23Page - Gennum Corporation GS9092A_10 Datasheet HTML 24Page - Gennum Corporation GS9092A_10 Datasheet HTML 25Page - Gennum Corporation GS9092A_10 Datasheet HTML 26Page - Gennum Corporation GS9092A_10 Datasheet HTML 27Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
23 of 63
The provided programmable multi-function I/O pins may be configured to input and
output various status signals including H, V, and F timing, a FIFO_FULL, and a
FIFO_EMPTY pulse. The internal FIFO supports 4 modes of operation, which may be
used for data delay, MPEG packet insertion, or ancillary data insertion.
Finally, the GS9092A contains a JTAG interface for boundary scan test implementations.
3.2 Parallel Data Inputs
Data inputs enter the device on the rising edge of either PCLK or WR_CLK, depending
on the configuration of the internal FIFO.
When the internal FIFO is bypassed or in ancillary data insertion mode (see Ancillary
Data Insertion Mode on page 31), data enters the device on the rising edge of PCLK as
shown in Figure 3-1. When the internal FIFO is configured for video mode, data enters
the device on the rising edge of WR_CLK (see Video Mode on page 26).
The input data format is defined by the setting of the external SMPTE_BYPASS and
DVB_ASI pins (Table 3-1). Input data must be presented in 10-bit format.
Figure 3-1: PCLK to Input Data Timing
NOTE: For a SMPTE compliant serial output, the jitter on the input PCLK across the
frequency spectrum should not exceed 350ps.
CONTROL
SIGNAL INPUT
DIN[9:0]
PCLK
50%
tIH
tSU
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL


Similar Part No. - GS9092A_10

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A_10

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com