Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2799 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part No. 2SK2799
Description  VX-2 Series Power MOSFET(350V 10A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK2799 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  2SK2799 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK2799 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK2799 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK2799 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK2799 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK2799 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK2799 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK2799 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK2799 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
0
5
10
15
20
0
5
10
15
20
2SK2799
Transfer Characteristics
VDS = 15V
pulse test
TYP
Tc =
−55°C
25
°C
100
°C
150
°C
Gate-Source Voltage VGS [V]


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2SK2186 VX-2 Series Power MOSFET 500V 10A 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
2SK2187 VX-2 Series Power MOSFET 500V 10A 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
2SK2188 VX-2 Series Power MOSFET 500V 10A 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
2SK2189 VX-2 Series Power MOSFET 500V 10A 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
2SK2190 VX-2 Series Power MOSFET 500V 10A 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
2SK2677 HVX-2 Series Power MOSFET 900V 10A 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
HUF76609D3 10A 100V 0.165 Ohm N-Channel Logic Level UltraFET Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
RFP10P03L 10A 30V 0.200 ohm Logic Level P-Channel Power MOSFET 1  2  3  4  5  More Harris Corporation
2SK1533 HVX Series Power MOSFET 1  2  Shindengen Electric Mfg.Co.Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn