Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB1310A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 6Page - Texas Instruments TUSB1310A Datasheet HTML 7Page - Texas Instruments TUSB1310A Datasheet HTML 8Page - Texas Instruments TUSB1310A Datasheet HTML 9Page - Texas Instruments TUSB1310A Datasheet HTML 10Page - Texas Instruments TUSB1310A Datasheet HTML 11Page - Texas Instruments TUSB1310A Datasheet HTML 12Page - Texas Instruments TUSB1310A Datasheet HTML 13Page - Texas Instruments TUSB1310A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
TUSB1310A
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
www.ti.com
2
PIN DESCRIPTIONS
TYPE
DESCRIPTION
I
Input
O
Output
I/O
Input/output
PD, PU
Internal pull-down / pull-up
S
Strapping pin
P
Power Supply
G
Ground
2.1
Configuration Pins
The configuration pins are not latched by RESETN.
Table 2-1. Configuration Pins
SIGNAL NAME
TYPE
PIN NO.
MODE NAME
DESCRIPTION
PHY_MODE1
I, PD
H12
USB
Must be set to 0. Operates as USB 3.0 transceiver.
PHY_MODE0
I, PU
J12
USB
Must be set to 1. Operates as USB 3.0 transceiver.
2.2
PIPE
The TUSB1310A supports 16-bit SDR mode with a 250-MHz clock.
Table 2-2. PIPE Signal Description
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
TX_DATA and TX_DATAK clock for source synchronous PIPE. This clock frequency is
TX_CLK
I
K1
the same as PCLK frequency. The rising edge of the clock is the reference for all signals.
TX_DATA15
G2
TX_DATA14
H2
TX_DATA13
H1
TX_DATA12
J2
TX_DATA11
L3
TX_DATA10
L2
TX_DATA9
M2
Parallel USB SuperSpeed data input bus.
TX_DATA8
M1
I
The 16 bits represent 2 symbols of transmit data where TX_DATA7-0 is the first symbol to
TX_DATA7
N1
be transmitted, and TX_DATA15-8 is the second symbol.
TX_DATA6
P1
TX_DATA5
N2
TX_DATA4
P2
TX_DATA3
N3
TX_DATA2
P3
TX_DATA1
N4
TX_DATA0
P5
TX_DATAK1
G1
Data/Control for the symbols of transmit data. TX_DATAK0 corresponds to the low-byte of
I
TX_DATA, TX_DATAK1 to the upper byte.
TX_DATAK0
J1
Parallel interface data clock. All data movement across the parallel PIPE is synchronous
PCLK
O
A6
to this clock. This clock operates at 250 MHz. The rising edge of the clock is the reference
for all signals.
10
PIN DESCRIPTIONS
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A


Similar Part No. - TUSB1310A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1310 TI-TUSB1310 Datasheet
275Kb / 36P
[Old version datasheet]   USB 3.0 Transceiver Data Manual
TUSB1310 TI-TUSB1310 Datasheet
357Kb / 36P
[Old version datasheet]   USB 3.0 Transceiver
TUSB1310IZAYR TI-TUSB1310IZAYR Datasheet
275Kb / 36P
[Old version datasheet]   USB 3.0 Transceiver Data Manual
TUSB1310IZAYR TI-TUSB1310IZAYR Datasheet
357Kb / 36P
[Old version datasheet]   USB 3.0 Transceiver
TUSB1310ZAY TI-TUSB1310ZAY Datasheet
275Kb / 36P
[Old version datasheet]   USB 3.0 Transceiver Data Manual
More results

Similar Description - TUSB1310A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1310 TI-TUSB1310_1 Datasheet
357Kb / 36P
[Old version datasheet]   USB 3.0 Transceiver
TUSB1310 TI-TUSB1310 Datasheet
275Kb / 36P
[Old version datasheet]   USB 3.0 Transceiver Data Manual
logo
Leopard Imaging Inc.
LI-USB30-AR0144X LEOPARD-LI-USB30-AR0144X Datasheet
454Kb / 2P
   USB 3.0
logo
Glenair, Inc.
963-012 GLENAIR-963-012 Datasheet
205Kb / 1P
   USB 3.0
logo
Leopard Imaging Inc.
LI-USB30-MIPI-TESTER LEOPARD-LI-USB30-MIPI-TESTER Datasheet
726Kb / 3P
   USB 3.0
logo
Qualtek Electronics Cor...
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
   USB 3.0 A/M - USB 3.0 A/M
3023015-02M QUALTEK-3023015-02M Datasheet
606Kb / 1P
   USB 3.0 A/M - USB 3.0 B/M
3023003-01M QUALTEK-3023003-01M Datasheet
609Kb / 1P
   USB 3.0 A/M - USB 3.0 B/M
3023025-03M QUALTEK-3023025-03M Datasheet
632Kb / 1P
   USB 3.0 A/M - USB 3.0 A/M
3023027-03M QUALTEK-3023027-03M Datasheet
605Kb / 1P
   USB 3.0 A/M - USB 3.0 B/M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com