Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S102C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # S102C
Description  High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S102C Datasheet(HTML) 3 Page - Vishay Siliconix

  S102C_11 Datasheet HTML 1Page - Vishay Siliconix S102C_11 Datasheet HTML 2Page - Vishay Siliconix S102C_11 Datasheet HTML 3Page - Vishay Siliconix S102C_11 Datasheet HTML 4Page - Vishay Siliconix S102C_11 Datasheet HTML 5Page - Vishay Siliconix S102C_11 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FIGURE 3 - POWER DERATING CURVE
200 %
175 %
150 %
125 %
100 %
75 %
50 %
25 %
0 %
- 75
Ambient Temperature (°C)
- 55 °C
Double Rated Power
Rated Power
200
175
150
125
100
75
50
25
0
- 25
- 50
+ 70 °C
S Series
Vishay Foil Resistors
Document Number: 63001
For any questions, contact: foil@vishaypg.com
www.vishayfoilresistors.com
Revision: 29-Jun-11
3
FIGURE 4 - TRIMMING TO VALUES
(conceptual illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
TABLE 3 - ENVIRONMENTAL PERFORMANCE COMPARISON
MIL-PRF-55182
CHAR J
S-SERIES
MAXIMUM
ΔR
S-SERIES
TYPICAL
ΔR
Test Group I
Thermal shock, 5 x (- 65 °C to + 150 °C)
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Short time overload, 6.25 x rated power
± 0.2 %
± 0.01 % (100 ppm)
± 0.003 % (30 ppm)
Test Group II
Resistance temperature characteristics(1)
± 25 ppm/°C
± 6.5 ppm/°C
± 2.0 ppm/°C
Low temperature storage (24 h at - 65 °C)
± 0.15 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Low temperature operation
(45 min, rated power at - 65 °C)
± 0.15 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Terminal strength
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Test Group III
Dielectric Withstanding Voltage (DWV)
± 0.15 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Resistance to solder heat
± 0.1 %
± 0.01 % (100 ppm)
± 0.005 % (50 ppm)
Moisture resistance
± 0.4 %
± 0.05 % (500 ppm)
± 0.01 % (100 ppm)
Test Group IV
Shock
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Vibration
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Test Group V
Life test at 0.3 W/+ 125 °C
2000 h
± 0.5 %
± 0.015 % (150 ppm)
± 0.01 % (100 ppm)
10 000 h
± 2.0 %
± 0.05 % (500 ppm)
± 0.03 % (300 ppm)
Test Group Va
Life test at 0.6 W (2 x rated power)/+ 70 °C, 2000 h
± 0.5 %
± 0.015 % (150 ppm)
± 0.01 % (100 ppm)
Test Group VI
High temperature exposure (2000 h at + 175 °C)
± 2.0 %
± 0.1 % (1000 ppm)
± 0.05 % (500 ppm)
Test Group VII
Voltage coefficient
5 ppm/V
< 0.1 ppm/V
< 0.1 ppm/V
(1) See Table 1.


Similar Part No. - S102C_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
More results

Similar Description - S102C_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VSM VISHAY-VSM Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y16363K00000T9W VISHAY-Y16363K00000T9W Datasheet
433Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with Temperature Coefficient of Resistance of ± 0.05 ppm/°C, Load Life Stability to ± 0.005 % (50 ppm) and ESD Immunity up to 25 kV
Revision: 26-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com