Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHLP-3232DZ-11 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IHLP-3232DZ-11
Description  Low Profile, High Current IHLP® Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP-3232DZ-11 Datasheet(HTML) 3 Page - Vishay Siliconix

  IHLP-3232DZ-11 Datasheet HTML 1Page - Vishay Siliconix IHLP-3232DZ-11 Datasheet HTML 2Page - Vishay Siliconix IHLP-3232DZ-11 Datasheet HTML 3Page - Vishay Siliconix IHLP-3232DZ-11 Datasheet HTML 4Page - Vishay Siliconix IHLP-3232DZ-11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 34313
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 18-Feb-11
3
IHLP-3232DZ-11
Low Profile, High Current IHLP® Inductors
Vishay Dale
PERFORMANCE GRAPHS
IHLP-3232DZ-11 4.7 μH
0
1
2
3
5
04
14
0
20
60
80
100
DC CURRENT (A)
4
40
8
L
ΔT °C
2
6
10
12
IHLP-3232DZ-11 5.6 μH
0
2
4
6
10
04
12
0
20
60
80
100
DC CURRENT (A)
8
40
8
L
ΔT °C
26
10
IHLP-3232DZ-11 6.8 μH
0
2
4
6
10
04
11
0
20
60
80
100
DC CURRENT (A)
8
40
8
L
ΔT °C
26
9
37
15
10
IHLP-3232DZ-11 8.2 μH
0
2
4
6
10
04
10
0
20
60
80
100
DC CURRENT (A)
8
40
8
L
ΔT °C
26
IHLP-3232DZ-11 10 μH
0
4
8
12
20
02
8
9
0
20
60
80
100
DC CURRENT (A)
16
40
46
L
ΔT °C
17
35
IHLP-3232DZ-11 15 μH
0
4
8
12
20
02
8
0
20
60
80
100
DC CURRENT (A)
16
40
4
L
ΔT °C
1357
6
IHLP-3232DZ-11 22 μH
0
5
10
15
25
02
7
0
20
60
80
100
DC CURRENT (A)
20
40
4
L
ΔT °C
135
6
IHLP-3232DZ-11 33 μH
0
10
20
30
50
02
5
0
20
60
80
100
DC CURRENT (A)
40
40
4
L
ΔT °C
13


Similar Part No. - IHLP-3232DZ-11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-3232DZ-11 VISHAY-IHLP-3232DZ-11 Datasheet
312Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 18-Feb-11
IHLP-3232DZ-11 VISHAY-IHLP-3232DZ-11 Datasheet
322Kb / 6P
   Low Profile, High Current IHLP® Inductors
Revision: 10-Mar-14
IHLP-3232DZ-11 VISHAY-IHLP-3232DZ-11 Datasheet
341Kb / 6P
   IHLP Commercial Inductors, Low DCR Series
Revision: 12-Oct-17
IHLP-3232DZ-11 VISHAY-IHLP-3232DZ-11 Datasheet
316Kb / 6P
   IHLP® Commercial Inductors, Low DCR Series
01-Jan-2022
IHLP-3232DZ-11 VISHAY-IHLP-3232DZ-11_13 Datasheet
336Kb / 6P
   Low Profile, High Current IHLP® Inductors
Revision: 26-Apr-13
More results

Similar Description - IHLP-3232DZ-11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP1212BZER3R3M11 VISHAY-IHLP1212BZER3R3M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 16-Jul-13
IHLP6767GZER220M11 VISHAY-IHLP6767GZER220M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 30-Aug-10
IHLP5050CEER3R3M01 VISHAY-IHLP5050CEER3R3M01 Datasheet
140Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 24-Feb-11
IHLP2020CZER2R2M01 VISHAY-IHLP2020CZER2R2M01 Datasheet
118Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 08-Mar-11
IHLP5050EZER3R3M01 VISHAY-IHLP5050EZER3R3M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
LP40DZ11 VISHAY-LP40DZ11 Datasheet
126Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 20-Oct-11
IHLP2525BDERR33M01 VISHAY-IHLP2525BDERR33M01 Datasheet
108Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Feb-11
IHLP4040DZER100M11 VISHAY-IHLP4040DZER100M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Mar-14
IHLP1212BZER1R5M11 VISHAY-IHLP1212BZER1R5M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 19-May-14
IHLP5050FDER1R0M01 VISHAY-IHLP5050FDER1R0M01 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
IHLP1616BZER4R7M11 VISHAY-IHLP1616BZER4R7M11 Datasheet
214Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 19-Dec-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com