Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4901B Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS4901B
Description  SD Clock and Timing Generator with GENLOCK
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4901B Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS4901B Datasheet HTML 7Page - Gennum Corporation GS4901B Datasheet HTML 8Page - Gennum Corporation GS4901B Datasheet HTML 9Page - Gennum Corporation GS4901B Datasheet HTML 10Page - Gennum Corporation GS4901B Datasheet HTML 11Page - Gennum Corporation GS4901B Datasheet HTML 12Page - Gennum Corporation GS4901B Datasheet HTML 13Page - Gennum Corporation GS4901B Datasheet HTML 14Page - Gennum Corporation GS4901B Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
GS4901B/GS4900B SD Clock and Timing Generator
with GENLOCK
Data Sheet
37703 - 4
December 2009
11 of 102
17
VSYNC
Non
Synchronous
Input
REFERENCE SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
The VSYNC external reference signal is applied to this pin by the
application layer. When the GS4901B/GS4900B is operating in
Genlock mode, the device senses the polarity of the VSYNC input
automatically, and references to the leading edge.
This signal must adhere to one of the 36 defined video standards
supported by the device. In this mode of operation, the VSYNC
input provides a vertical scanning reference signal.
The VSYNC signal may have analog timing, such as from a sync
separator, or may be digital such as from an SDI deserializer.
Section 1.4 on page 19 describes the 36 video formats recognized by
the GS4901B/GS4900B.
18, 31, 38,
50, 62
IO_VDD
Power
Supply
Most positive power supply connection for the digital I/O signals.
Connect to either +1.8V DC or +3.3V DC.
NOTE: All five IO_VDD pins must be powered by the same voltage.
19
FSYNC
Non
Synchronous
Input
REFERENCE SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
The FSYNC external reference signal is applied to this pin by the
application layer.
The first field is defined as the field in which the first broad pulse
(also known as serration) is in the first half of a line. The FSYNC
signal should be set HIGH during the first field for sync-based
references.
Then this signal must adhere to one of the 36 defined video
standards supported by the device. In this mode of operation, the
FSYNC input provides an odd/even field input reference.
The FSYNC signal may have analog timing, such as from a sync
separator, or may be digital such as from an SDI deserializer.
Section 1.4 on page 19 describes the 36 video formats recognized by
the GS4901B/GS4900B.
For blanking-based references, the FSYNC signal should be set HIGH
during the second field.
NOTE: If the input reference format does not include an F sync
signal, this pin should be held LOW.
27, 25, 24,
23, 22, 21
VID_STD[5:0]
Non
Synchronous
Input
CONTROL SIGNAL INPUTS
Signal levels are LVCMOS/LVTTL compatible.
Video Standard Select.
Used to select the desired video format for video clock and timing
signal generation.
4 different video sample clocks, as well as 9 different video format
timing signal outputs may be selected using these pins.
NOTE: The VID_STD[5:4] pins should be grounded by the application
layer since these pins are not required to select output video
standards 1 to 10.
For details on the supported video standards and video clock
frequency selection, please see Section 1.4 on page 19.
26, 44
CORE_VDD
Power
Supply
Most positive power supply connection for the digital core. Connect
to +1.8V DC.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS4901B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4901B GENNUM-GS4901B Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
GS4901BCNE3 GENNUM-GS4901BCNE3 Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
More results

Similar Description - GS4901B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4901B GENNUM-GS4901B Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4900B SEMTECH-GS4900B Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4911B GENNUM-GS4911B_09 Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4911B SEMTECH-GS4911B Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4911B GENNUM-GS4911B Datasheet
1Mb / 113P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Sanyo Semicon Device
LC99012A-S SANYO-LC99012A-S Datasheet
59Kb / 6P
   Black-and-White CCD Timing Generator
logo
National Semiconductor ...
DP8224 NSC-DP8224 Datasheet
143Kb / 8P
   Clock Generator and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com