Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2974ACNE3 Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS2974ACNE3
Description  HD-LINX III Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2974ACNE3 Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS2974ACNE3 Datasheet HTML 5Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 6Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 7Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 8Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 9Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 10Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 11Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 12Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
GS2974A HD-LINX™ III Adaptive Cable Equalizer
Data Sheet
42216 - 3
January 2009
9 of 16
4. Detailed Description
The GS2974A is a high speed BiCMOS IC designed to equalize serial digital signals.
The GS2974A can equalize both HD and SD serial digital signals, and will typically
equalize 120m of Belden 1694A cable at 2.97Gb/s, 200m at 1.485Gb/s and 350m at
270Mb/s.The GS2974A is powered from a single +3.3V power supply and consumes
approximately 215mW of power.
4.1 Serial Digital Inputs
The serial data signal may be connected to the input pins (SDI/SDI) in either a
differential or single-ended configuration. AC-coupling of the inputs is recommended,
as the SDI and SDI inputs are internally biased at approximately 1.8V.
Figure 3-3: Output Circuit
Figure 3-4: MUTE and BYPASS Circuits
Figure 3-5: CD Circuit
50
50
SDO
SDO
MUTE,
BYPASS
CD


Similar Part No. - GS2974ACNE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2974ACNE3 SEMTECH-GS2974ACNE3 Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
More results

Similar Description - GS2974ACNE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com