Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1881 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS1881
Description  Monolithic Video Sync Separators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1881 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS1881 Datasheet HTML 7Page - Gennum Corporation GS1881 Datasheet HTML 8Page - Gennum Corporation GS1881 Datasheet HTML 9Page - Gennum Corporation GS1881 Datasheet HTML 10Page - Gennum Corporation GS1881 Datasheet HTML 11Page - Gennum Corporation GS1881 Datasheet HTML 12Page - Gennum Corporation GS1881 Datasheet HTML 13Page - Gennum Corporation GS1881 Datasheet HTML 14Page - Gennum Corporation GS1881 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
GS1881, GS4881, GS4981 Monolithic Video Sync
Separators
Data Sheet
6926 - 5
November 2009
11 of 29
Proprietary & Confidential
3. Temperature Characteristics
Figure 3-1 through Figure 3-6 show the typical temperature characteristics for the
GS1881, GS4881, and GS4981, where VS = 5V, RSET =680kΩ, unless otherwise specified.
NOTE: Grey shading on Figure 3-1 through Figure 3-6 indicates commercial
temperature range (0 to 70°C).
Figure 3-1: Composite Sync Delay Variation vs Temperature
Figure 3-2: Clamping Current vs Temperature
10
8
6
4
2
0
-2
-4
-6
TEMPERATURE (°C)
-25
-15
-5
5
15
25
35
45
55
65
75
85
-25 -15
-5
5
15
25
35
45
55
65
75
85
TEMPERATURE (°C)
850
740
650
550
450
350


Similar Part No. - GS1881

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS1881-CDA GENNUM-GS1881-CDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS1881-CKA GENNUM-GS1881-CKA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS1881-CTA GENNUM-GS1881-CTA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS1881-IDA GENNUM-GS1881-IDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
More results

Similar Description - GS1881

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com