Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1540-CQR Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS1540-CQR
Description  HDTV Serial Digital Non-Equalizing Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1540-CQR Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS1540-CQR Datasheet HTML 5Page - Gennum Corporation GS1540-CQR Datasheet HTML 6Page - Gennum Corporation GS1540-CQR Datasheet HTML 7Page - Gennum Corporation GS1540-CQR Datasheet HTML 8Page - Gennum Corporation GS1540-CQR Datasheet HTML 9Page - Gennum Corporation GS1540-CQR Datasheet HTML 10Page - Gennum Corporation GS1540-CQR Datasheet HTML 11Page - Gennum Corporation GS1540-CQR Datasheet HTML 12Page - Gennum Corporation GS1540-CQR Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
GENNUM CORPORATION
522 - 27 - 03
9 of 17
INPUT/OUTPUT CIRCUITS
Fig. 1 DDI/DDI Input Circuit
Fig. 2 VCO/VCO Input Circuit
Fig. 3 DM/DM Output Circuit
Fig. 4 PLCAP/PLCAP Output Circuit
Fig. 5 LFA Circuit
Fig. 6 LFS Output Circuit
PD_VEE
DDI_VTT
PD_VCC
DDI
DDI
50
50
20k
5k
PD_VEE
PD_VCC
VCO
VCO
50
10k
5k
5k
10k
31p
DFT_VEE
10k
10k
DM
DM
85µA
PD_VCC
PD_VEE
20k
10k
PLCAP
PLCAP
100µA
PD_VCC
LFA_VEE
LFA_VCC
40
40
500
5mA
100µA
LFA
LFA_VEE
LFA_VCC
25k
400µA
LFS


Similar Part No. - GS1540-CQR

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1540-CQR GENNUM-GS1540-CQR Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
More results

Similar Description - GS1540-CQR

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com