Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1535A Datasheet(PDF) 26 Page - Gennum Corporation

Part # GS1535A
Description  Multi-Rate SDI Automatic Reclocker
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1535A Datasheet(HTML) 26 Page - Gennum Corporation

Back Button GS1535A_06 Datasheet HTML 19Page - Gennum Corporation GS1535A_06 Datasheet HTML 20Page - Gennum Corporation GS1535A_06 Datasheet HTML 21Page - Gennum Corporation GS1535A_06 Datasheet HTML 22Page - Gennum Corporation GS1535A_06 Datasheet HTML 23Page - Gennum Corporation GS1535A_06 Datasheet HTML 24Page - Gennum Corporation GS1535A_06 Datasheet HTML 25Page - Gennum Corporation GS1535A_06 Datasheet HTML 26Page - Gennum Corporation GS1535A_06 Datasheet HTML 27Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
GS1535A / GS9065A Data Sheet
31497 - 4
June 2006
26 of 27
6.2 Packaging Data
6.3 Ordering Information
Parameter
Value
Package Type
10mm x 10mm 64-pin LQFP
Package Drawing Reference
ASE 64-06-280-1384
Moisture Saturation Level
3
Junction to Case Thermal Resistance,
θj-c
18.1°C/W
Junction to Air Thermal Resistance,
θj-a (at zero airflow)
47.8°C/W
Psi
1.1°C/W
Pb-free and RoHS Compliant
Yes
Part Number
Package
Temperature Range
GS1535A
GS1535ACFUE3
Pb-free 64-pin LQFP
0°C to 70°C
GS9065A
GS9065ACFUE3
Pb-free 64-pin LQFP
0°C to 70°C


Similar Part No. - GS1535A_06

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
More results

Similar Description - GS1535A_06

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
   SD-SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com