Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1528-CTAE3Z Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS1528-CTAE3Z
Description  HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528-CTAE3Z Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS1528-CTAE3Z Datasheet HTML 5Page - Gennum Corporation GS1528-CTAE3Z Datasheet HTML 6Page - Gennum Corporation GS1528-CTAE3Z Datasheet HTML 7Page - Gennum Corporation GS1528-CTAE3Z Datasheet HTML 8Page - Gennum Corporation GS1528-CTAE3Z Datasheet HTML 9Page - Gennum Corporation GS1528-CTAE3Z Datasheet HTML 10Page - Gennum Corporation GS1528-CTAE3Z Datasheet HTML 11Page - Gennum Corporation GS1528-CTAE3Z Datasheet HTML 12Page - Gennum Corporation GS1528-CTAE3Z Datasheet HTML 13Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
GS1528 HD-LINX II Multi-Rate SDI Dual Slew-Rate
Cable Driver
Data Sheet
16632 - 9
August 2010
9 of 13
Figure 3-3: Static Protection Diodes
3.4 Output Return Loss Measurement
To perform a practical return loss measurement, it is necessary to force the GS1528
output to a DC high or low condition. The actual measured return loss will be based on
the outputs being static at VCC or VCC-1.6V. Under normal operating conditions the
outputs of the GS1528 swing between VCC-0.4V and VCC-1.2V, so the measured value of
return loss will not represent the actual operating return loss.
A simple method of calculating the values of actual operating return loss is to interpolate
the two return loss measurements. In this way, the values of return loss are estimated at
VCC-0.4V and VCC-1.2V based on the measurements at VCC and VCC-1.6V.
The two values of return loss (high and low) will typically differ by several decibels. If
the measured return loss is RH for logic high and RL for logic low, then the two values can
be interpolated as follows:
RIH = RH - (RH-RL)/4 and
RIL = RL + (RH-RL)/4
Where RIH is the interpolated logic high value and RIL is the interpolated logic low value.
For example: if RH = -18dB and RL = -14dB, then the interpolated values are RIH = -17dB
and RIL = -15dB.
SDO
SDO
GS1528


Similar Part No. - GS1528-CTAE3Z

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528-CTAE3 GENNUM-GS1528-CTAE3 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

Similar Description - GS1528-CTAE3Z

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com