Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2673 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SK2673
Description  HVX-2 Series Power MOSFET(900V 5A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK2673 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  2SK2673 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK2673 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK2673 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK2673 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK2673 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK2673 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK2673 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK2673 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK2673 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
0
2
4
6
8
10
0
5
10
15
20
2SK2673
Transfer Characteristics
VDS = 25V
TYP
Tc =
−55°C
25
°C
100
°C
150
°C
Gate-Source Voltage VGS [V]


Similar Part No. - 2SK2673

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2673 ISC-2SK2673 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2673

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SK2671 SHINDENGEN-2SK2671 Datasheet
444Kb / 12P
   HVX-2 Series Power MOSFET(900V 5A)
2SK2670 SHINDENGEN-2SK2670 Datasheet
439Kb / 12P
   HVX-2 Series Power MOSFET(900V 5A)
2SK2672 SHINDENGEN-2SK2672 Datasheet
428Kb / 12P
   HVX-2 Series Power MOSFET(900V 5A)
2SK2669 SHINDENGEN-2SK2669 Datasheet
441Kb / 12P
   HVX-2 Series Power MOSFET(900V 5A)
2SK2665 SHINDENGEN-2SK2665 Datasheet
439Kb / 12P
   HVX-2 Series Power MOSFET(900V 3A)
2SK2668 SHINDENGEN-2SK2668 Datasheet
431Kb / 12P
   HVX-2 Series Power MOSFET(900V 3A)
2SK2675 SHINDENGEN-2SK2675 Datasheet
431Kb / 12P
   HVX-2 Series Power MOSFET(900V 7A)
2SK2664 SHINDENGEN-2SK2664 Datasheet
441Kb / 12P
   HVX-2 Series Power MOSFET(900V 3A)
2SK2667 SHINDENGEN-2SK2667 Datasheet
429Kb / 12P
   HVX-2 Series Power MOSFET(900V 3A)
2SK2677 SHINDENGEN-2SK2677 Datasheet
429Kb / 12P
   HVX-2 Series Power MOSFET(900V 10A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com