Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1504-CKD Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS1504-CKD
Description  HDTV Adaptive Equalizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1504-CKD Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS1504-CKD Datasheet HTML 2Page - Gennum Corporation GS1504-CKD Datasheet HTML 3Page - Gennum Corporation GS1504-CKD Datasheet HTML 4Page - Gennum Corporation GS1504-CKD Datasheet HTML 5Page - Gennum Corporation GS1504-CKD Datasheet HTML 6Page - Gennum Corporation GS1504-CKD Datasheet HTML 7Page - Gennum Corporation GS1504-CKD Datasheet HTML 8Page - Gennum Corporation GS1504-CKD Datasheet HTML 9Page - Gennum Corporation GS1504-CKD Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
522 - 05 - 05
6 of 13
TYPICAL PERFORMANCE CURVES (unless otherwise shown VCC = 5V, TA = 25°C)
Fig. 13 Input 100m (Belden 1694A)
Fig. 14 Output 100m (Belden 1694A)
Fig. 15 Input 150m (Belden 1694A)
Fig. 16 Output 150m (Belden 1694A)
Fig. 17 Input Return Loss
Fig. 18 Output Signal Swing, p-p, Differential
50
40
30
20
10
0
-10
-20
-30
-40
-50
0.05 GHz
1 GHz
2 GHz
500
400
300
200
100
0
0
20
40
60
80
TEMPERATURE (˚C)


Similar Part No. - GS1504-CKD

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1504-CKD GENNUM-GS1504-CKD Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
More results

Similar Description - GS1504-CKD

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1504 GENNUM-GS1504 Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com