Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP740 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFP740
Description  N-Channel Power MOSFET 10A, 400V, 0.55廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFP740 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFP740 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP740 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP740 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP740 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP740 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP740 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP740 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Number: DB-190
March 2010, Revision B
Page 1
TAK CHEONG
®
SEMICONDUCTOR
N-Channel Power MOSFET
10A, 400V, 0.55Ω
General Description
The N-Channel MOSFET is used an advanced termination
scheme to provide enhanced voltage-blocking capability
without degrading performance over time. This advanced
technology has been especially tailored to minimize on-state
resistance, provide superior switching performance. This
device is well suited for high efficiency switched mode power
suppliers, active power factor correction, electronic lamp
ballasts based half bridge topology.
Features
Robust high voltage termination
Avalanche energy specified
Diode is characterized for use in bridge circuits
Source to Drain diode recovery time comparable to a
discrete fast recovery diode.
1 = Gate
2 = Drain
3 = Source
DEVICE MARKING DIAGRAM
ABSOLUTE MAXIMUM RATINGS (T
C =25°C, unless otherwise noted )
Symbol
Parameter
Value
Units
VDSS
Drain- Source Voltage
400
V
VGSS
Gate-Source Voltage
±
30
V
ID
Drain Current
10
A
IDM
Drain Current Pulsed
40
A
Power Dissipation
(Note 2)
125
W
PD
Derating factor above 25℃
1.0
W/℃
EAS
Single Pulsed Avalanche Energy
(Note 1)
680
mJ
EAR
Repetitive Avalanche Energy
(Note 2)
12.5
mJ
TJ
Operating Junction Temperature
150
Tstg
Storage Temperature Range
- 55 to +150
Notes:
1. L=18.5mH, IAS=10A, VDD=50V, RG=50Ω, Starting TJ=25℃
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
RθJC
Thermal Resistance, Junction-to-Case
1
/W
RθJA
Thermal Resistance, Junction-to-Ambient
62
/W
1
2
3
TO-220AB
G
D
S
L xxyy
TFP
XXXX
L = Tak Cheong Logo
xxyy = Monthly Date Code
TFPXXXX = Device Type


Similar Part No. - TFP740

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP70N06 TAK_CHEONG-TFP70N06 Datasheet
326Kb / 8P
   N-Channel Power MOSFET 70A, 60V, 0.014廓
logo
Thinki Semiconductor Co...
TFP70N06 THINKISEMI-TFP70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
TFP7N60 TAK_CHEONG-TFP7N60 Datasheet
322Kb / 7P
   N-Channel Power MOSFET 7A, 600V, 1.2廓
TFP7N65 TAK_CHEONG-TFP7N65 Datasheet
321Kb / 8P
   N-Channel Power MOSFET 7.2A, 650V, 1.5廓
More results

Similar Description - TFP740

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF740 TAK_CHEONG-TFF740 Datasheet
281Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
logo
Unisonic Technologies
UF740 UTC-UF740_11 Datasheet
336Kb / 6P
   10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
International Rectifier
IRF740SPBF IRF-IRF740SPBF Datasheet
943Kb / 8P
   HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=0.55廓 , ID=10A )
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
   N-Channel Power MOSFET (400V, 10A)
logo
First Components Intern...
IRF740 FCI-IRF740 Datasheet
444Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Intersil Corporation
RF340 INTERSIL-RF340 Datasheet
55Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
logo
Intersil Corporation
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com