Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP50N06 Datasheet(PDF) 6 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFP50N06
Description  N-Channel Power MOSFET 50A, 60V, 0.023廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFP50N06 Datasheet(HTML) 6 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFP50N06 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP50N06 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP50N06 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP50N06 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP50N06 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP50N06 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP50N06 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP50N06 Datasheet HTML 8Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Number: DB-228
August 2011, Revision A
Page 6
TAK CHEONG
®
SEMICONDUCTOR


Similar Part No. - TFP50N06

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
TFP50N06 THINKISEMI-TFP50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
More results

Similar Description - TFP50N06

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF50N06 TAK_CHEONG-TFF50N06 Datasheet
309Kb / 8P
   N-Channel Power MOSFET 28A, 60V, 0.023廓
logo
Fairchild Semiconductor
FDD5353 FAIRCHILD-FDD5353 Datasheet
285Kb / 6P
   N-Channel Power Trench짰 MOSFET 60V, 50A, 12.3m廓
FDD13AN06A0 FAIRCHILD-FDD13AN06A0_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
FDD14AN06L_F085 FAIRCHILD-FDD14AN06L_F085_10 Datasheet
378Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
logo
ON Semiconductor
FDD13AN06A0-F085 ONSEMI-FDD13AN06A0-F085 Datasheet
626Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDD10AN06_F085 FAIRCHILD-FDD10AN06_F085_12 Datasheet
390Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 10.5m廓
logo
ON Semiconductor
FDD14AN06LA0-F085 ONSEMI-FDD14AN06LA0-F085 Datasheet
870Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
September-2017, Rev. 3
logo
First Silicon Co., Ltd
FTK50N06DD FS-FTK50N06DD Datasheet
261Kb / 2P
   N-Channel Power MOSFET (60V/50A)
logo
Unisonic Technologies
UTT50N06 UTC-UTT50N06 Datasheet
358Kb / 8P
   50A, 60V N-CHANNEL POWER MOSFET
logo
First Components Intern...
FM50N06 FCI-FM50N06 Datasheet
271Kb / 5P
   50A 60V N Channel Mosfet
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com