Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP7N65 Datasheet(PDF) 8 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFP7N65
Description  N-Channel Power MOSFET 7.2A, 650V, 1.5廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFP7N65 Datasheet(HTML) 8 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFP7N65 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N65 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N65 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N65 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N65 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N65 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N65 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N65 Datasheet HTML 8Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Number: DB-100
April 14, 2008 / A
DISCLAIMER NOTICE
TAK CHEONG
®
NOTICE
The information presented in this document is for reference only. Tak Cheong reserves the right to make
changes without notice for the specification of the products displayed herein.
The product listed herein is designed to be used with ordinary electronic equipment or devices, and not
designed to be used with equipment or devices which require high level of reliability and the malfunction of with
would directly endanger human life (such as medical instruments, transportation equipment, aerospace
machinery, nuclear-reactor controllers, fuel controllers and other safety devices), Tak Cheong Semiconductor
Co., Ltd., or anyone on its behalf, assumes no responsibility or liability for any damagers resulting from such
improper use of sale.
This publication supersedes & replaces all information reviously supplied. For additional information, please visit
our website http://www.takcheong.com, or consult your nearest Tak Cheong’s sales office for further assistance.


Similar Part No. - TFP7N65

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP7N60 TAK_CHEONG-TFP7N60 Datasheet
322Kb / 7P
   N-Channel Power MOSFET 7A, 600V, 1.2廓
More results

Similar Description - TFP7N65

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF7N65 TAK_CHEONG-TFF7N65 Datasheet
300Kb / 8P
   N-Channel Power MOSFET 7.2A, 650V, 1.5廓
logo
Taiwan Semiconductor Co...
TSM7NC65CF TSC-TSM7NC65CF Datasheet
412Kb / 6P
   N-Channel Power MOSFET 650V, 7A, 1.35廓
logo
Tak Cheong Electronics ...
TFF2N65 TAK_CHEONG-TFF2N65 Datasheet
305Kb / 8P
   N-Channel Power MOSFET 1.9A, 650V, 7.5廓
TFP2N65 TAK_CHEONG-TFP2N65 Datasheet
326Kb / 8P
   N-Channel Power MOSFET 1.9A, 650V, 7.5廓
TFP4N65 TAK_CHEONG-TFP4N65 Datasheet
325Kb / 8P
   N-Channel Power MOSFET 3.9A, 650V, 3.0廓
logo
Taiwan Semiconductor Co...
TSM4ND65CI TSC-TSM4ND65CI Datasheet
321Kb / 6P
   N-Channel Power MOSFET 650V, 4A, 2.6廓
logo
Tak Cheong Electronics ...
TFF4N65 TAK_CHEONG-TFF4N65 Datasheet
305Kb / 8P
   N-Channel Power MOSFET 3.9A, 650V, 3.0廓
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
   N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
First Silicon Co., Ltd
FTK5N50P FS-FTK5N50P Datasheet
373Kb / 7P
   4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
UF830 UTC-UF830 Datasheet
307Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com