Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HMC949 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC949
Description  GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC949 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3
3 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain &
Return Loss vs. Frequency
Gain vs. Temperature
P1dB vs. Temperature
P1dB vs. Supply Voltage
HMC949
v02.0211
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
WITH POWER DETECTOR, 12 - 16 GHz
-30
-20
-10
0
10
20
30
40
10
11
12
13
14
15
16
17
18
S21
S11
S22
FREQUENCY (GHz)
18
22
26
30
34
38
11
12
13
14
15
16
17
+25C
+85C
-55C
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
11
12
13
14
15
16
17
+25C
+85C
-55C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
11
12
13
14
15
16
17
+25C
+85C
-55C
FREQUENCY (GHz)
26
28
30
32
34
36
38
12
13
14
15
16
+25C
+85C
-55C
FREQUENCY (GHz)
26
28
30
32
34
36
38
12
13
14
15
16
5V
6V
7V
FREQUENCY (GHz)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn