Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HMC949 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part No. HMC949
Description  GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC949 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3
3 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC949
v02.0211
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
WITH POWER DETECTOR, 12 - 16 GHz
Power Compression @ 14 GHz
Detector Voltage Over Temperature
Output IP3 vs.
Supply Voltage, Pout/Tone = +22 dBm
Output IM3 @ Vdd = +6V
Output IM3 @ Vdd = +7V
Output IM3 @ Vdd = +5V
30
32
34
36
38
40
42
44
46
48
12
13
14
15
16
5V
6V
7V
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
80
10
12
14
16
18
20
22
24
26
28
12 GHz
13 GHz
14 GHz
15 GHz
16 GHz
Pout/TONE (dBm)
0
10
20
30
40
50
60
70
80
10
12
14
16
18
20
22
24
26
28
12 GHz
13 GHz
14 GHz
15 GHz
16 GHz
Pout/TONE (dBm)
0
10
20
30
40
50
60
70
80
10
12
14
16
18
20
22
24
26
28
12 GHz
13 GHz
14 GHz
15 GHz
16 GHz
Pout/TONE (dBm)
0
5
10
15
20
25
30
35
40
-10
-8
-6
-4
-2
0
2
4
6
8
10
Pout
Gain
PAE
INPUT POWER (dBm)
0.01
0.1
1
10
-5
3
11
19
27
35
12.5GHz +25C
12.5GHz +85C
12.5GHz -55C
15.5GHz +25C
15.5GHz +85C
15.5GHz -55C
OUTPUT POWER (dBm)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn