Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1N60 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TC1N60
Description  500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N60 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N60_09 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N60_09 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N60_09 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Number: DB-046
May 2009 / B
Page 1
TAK CHEONG
®
SEMICONDUCTOR
500 mW DO-35 Hermetically
Sealed Glass Small Signal
Schottky Diodes
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Value
Symbol
Parameter
1N60
1N60P
Units
VRRM
Peak Reverse Voltage
40
45
V
IF
Forward Continuous Current
30
50
mA
IFSM
Peak Forward Surge Current (t =1S)
150
500
mA
TSTG /TJ
Storage and Junction Temperature Range
-65 to +125
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
DO-35 Package (JEDEC)
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable
RoHS Compliant
Solder Hot Dip Tin (Sn) Terminal Finish.
Cathode Indicated By Polarity Band
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Type
Min
Typ
Max
Unit
IF=1mA
1N60
1N60P
0.32
0.24
0.5
0.5
Volts
IF=30mA
1N60
0.65
1.0
Volts
VF
Forward Voltage
IF=200mA
1N60P
0.65
1.0
Volts
IR
Reverse Leakage Current
VR=15V
1N60
1N60P
0.1
0.5
0.5
1.0
uA
VR=1V, f=1MHz
1N60
2.0
CJ
Junction Capacitance
VR=10V, f=1MHz
1N60P
6.0
pF
TRR
Reverse Recovery Time
IF=IR=1mA,
Irr=1mA,
Rc=100Ω
1N60
1N60P
1
nS
Cathode
Anode
ELECTRICAL SYMBOL
L
1N
xxx
DEVICE MARKING DIAGRAM
L
: Logo
TC1Nxxxx
: Device Code
AXIAL LEAD
DO35


Similar Part No. - TC1N60_09

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC1N6000B TAK_CHEONG-TC1N6000B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N6010B TAK_CHEONG-TC1N6010B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N6020B TAK_CHEONG-TC1N6020B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - TC1N60_09

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC1N60 TAK_CHEONG-TC1N60 Datasheet
75Kb / 2P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
TC1N4148 TAK_CHEONG-TC1N4148 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TCBAW76 TAK_CHEONG-TCBAW76 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
Shanghai Leiditech Elec...
1N4148 LEIDITECH-1N4148 Datasheet
2Mb / 3P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
List of Unclassifed Man...
TC1N4148 ETC1-TC1N4148 Datasheet
509Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TC1N4148 TAK_CHEONG-TC1N4148_10 Datasheet
428Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TCBAV19 TAK_CHEONG-TCBAV19 Datasheet
105Kb / 2P
   500 mW DO-35 Hermetically Sealed Glass - High Voltage Switching Diodes
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com