Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LCX00 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MC74LCX00
Description  Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX00 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74LCX00 Datasheet HTML 1Page - Motorola, Inc MC74LCX00 Datasheet HTML 2Page - Motorola, Inc MC74LCX00 Datasheet HTML 3Page - Motorola, Inc MC74LCX00 Datasheet HTML 4Page - Motorola, Inc MC74LCX00 Datasheet HTML 5Page - Motorola, Inc MC74LCX00 Datasheet HTML 6Page - Motorola, Inc MC74LCX00 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1996
11/96
Low-Voltage CMOS Quad
2-Input NAND Gate
With 5V-Tolerant Inputs
The MC74LCX00 is a high performance, quad 2–input NAND gate
operating from a 2.7 to 3.6V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance. A VI
specification of 5.5V allows MC74LCX00 inputs to be safely driven from
5V devices.
Current drive capability is 24mA at the outputs.
Designed for 2.7 to 3.6V VCC Operation
5V Tolerant Inputs — Interface Capability With 5V TTL Logic
LVTTL Compatible
LVCMOS Compatible
24mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current (10µA) Substantially Reduces System
Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
Pinout: 14–Lead (Top View)
13
14
12
11
10
9
8
2
1
3
4567
VCC
A2
B2
O2A3
B3
O3
A0
B0
O0A1
B1
O1
GND
3
O0
1
A0
LOGIC DIAGRAM
2
B0
6
O1
4
A1
5
B1
11
O2
13
A2
12
B2
8
O3
10
A3
9
B3
DT SUFFIX
PLASTIC TSSOP
CASE 948G–01
14
1
SD SUFFIX
PLASTIC SSOP
CASE 940A–03
14
1
M SUFFIX
PLASTIC SOIC EIAJ
CASE 965–01
14
1
D SUFFIX
PLASTIC SOIC
CASE 751A–03
14
1
PIN NAMES
Function
Data Inputs
Outputs
Pins
An, Bn
On
MC74LCX00
LOW–VOLTAGE CMOS
QUAD 2–INPUT NAND GATE
L
L
H
H
L
H
L
H
Inputs
Outputs
An
Bn
H
H
H
L
On
FUNCTION TABLE


Similar Part No. - MC74LCX00

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
MC74LCX00D ONSEMI-MC74LCX00D Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
MC74LCX00D ONSEMI-MC74LCX00D Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
MC74LCX00DR2 ONSEMI-MC74LCX00DR2 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
More results

Similar Description - MC74LCX00

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
Fairchild Semiconductor
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_05 Datasheet
504Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
STMicroelectronics
STMicroelectronics
74LVX132 STMICROELECTRONICS-74LVX132 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
74LVX03 STMICROELECTRONICS-74LVX03 Datasheet
119Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LVX03 STMICROELECTRONICS-74LVX03_04 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
Toshiba Semiconductor
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
STMicroelectronics
STMicroelectronics
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz