Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC839LP6CE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC839LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO 1050 - 1205, 2100 - 2410, 4200 - 4820 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC839LP6CE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC839LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC839LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC839LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC839LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC839LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC839LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC839LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC839LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC839LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC839LP6CE
v02.1010
Functional Diagram
Features
• rF Bandwidth:
1050 - 1205, 2100 - 2410,
4200 - 4820 MHz
• Ultra Low Phase noise
-112 dBc/Hz in Band typ.
• Figure of Merit (FOM) -227 dBc/Hz
• < 180 fs rMS Jitter
• 24-bit Step Size, resolution 3 Hz typ
• exact Frequency resolution Mode
• Built-In digital Self test
• 40 Lead 6x6 mm SMt Package: 36 mm2
Typical Applications
• Cellular/4g Infrastructure
• repeaters and Femtocells
• Communications test equipment
• CatV equipment
• Phased array applications
• ddS replacement
• Very High data rate radios
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO
1050 - 1205, 2100 - 2410, 4200 - 4820 MHz


Similar Part No. - HMC839LP6CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC839LP6CE AD-HMC839LP6CE Datasheet
1,009Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results

Similar Description - HMC839LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC829LP6GE_1109 HITTITE-HMC829LP6GE_1109 Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 45 - 1050, 1400 - 2100, 2800 - 4200 MHz
HMC829LP6GE HITTITE-HMC829LP6GE Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 45 - 1050, 1400 - 2100, 2800 - 4200 MHz
HMC824LP6CE HITTITE-HMC824LP6CE Datasheet
491Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
HMC828LP6CE HITTITE-HMC828LP6CE Datasheet
495Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
HMC831LP6CE HITTITE-HMC831LP6CE_10 Datasheet
1,017Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC836LP6CE HITTITE-HMC836LP6CE_10 Datasheet
1,007Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
HMC831LP6CE HITTITE-HMC831LP6CE Datasheet
504Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC826LP6CE HITTITE-HMC826LP6CE_10 Datasheet
1Mb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC826LP6CE HITTITE-HMC826LP6CE Datasheet
531Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC836LP6CE HITTITE-HMC836LP6CE_09 Datasheet
498Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com