Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC830LP6GE_1110 Datasheet(PDF) 12 Page - Hittite Microwave Corporation

Part # HMC830LP6GE_1110
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC830LP6GE_1110 Datasheet(HTML) 12 Page - Hittite Microwave Corporation

Back Button HMC830LP6GE_1110 Datasheet HTML 4Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 5Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 6Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 7Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 8Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 9Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 10Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 11Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
7 - 12
7
HMC830LP6GE
v01.0711
FRACTIONAL-N PLL WITH INTEGRATED VCO
25 - 3000 MHz
For price, delivery, and to place orders: Hittite Microwave Corporation,20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC830LP6GE Application Information
Large bandwidth (25 Mhz to 3000 Mhz), industry leading phase noise and spurious performance, excellent noise floor
(<-170 dBc/hz), coupled with a high level of integration make the hMc830LP6ge ideal for a variety of applications; as
an rF or iF stage Lo, a clock source for high-frequency data-converters, or a tunable reference source for extremely
low spurious applications (< -100 dBc/hz spurs).
Figure 23. HMC830LP6GE in a typical transmit chain
Figure 24. HMC830LP6GE in a typical receive chain
Figure 25. HMC830LP6GE used as a tunable reference for second HMC830LP6GE
Using the hMc830LP6ge with a tunable reference as shown in Figure 25, it is possible to drastically improve spurious
emissions performance across all frequencies. example shown in Figure 21 graph shows that it is possible to have
spurious emissions < -100 dBc/hz across all frequencies. For more information about spurious emissions, how they
are related to the reference frequency, and how to tune the reference frequency for optimal spurious performance
please see the “spurious Performance” section of hittite PLL w/ integraged vcos operating guide. note that at very
low output frequencies < 100 Mhz, harmonics increase due to small internal ac coupling. applications which are
sensitive to harmonics may require external low pass filtering.


Similar Part No. - HMC830LP6GE_1110

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC830LP6GE HITTITE-HMC830LP6GE_12 Datasheet
2Mb / 12P
   Fractional-N PLL with Integrated VCO
More results

Similar Description - HMC830LP6GE_1110

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
logo
Analog Devices
HMC1034LP6GE AD-HMC1034LP6GE Datasheet
921Kb / 14P
   CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com