Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC830LP6GE_1110 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC830LP6GE_1110
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC830LP6GE_1110 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC830LP6GE_1110 Datasheet HTML 4Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 5Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 6Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 7Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 8Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 9Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 10Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 11Page - Hittite Microwave Corporation HMC830LP6GE_1110 Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7 - 8
7
HMC830LP6GE
v01.0711
FRACTIONAL-N PLL WITH INTEGRATED VCO
25 - 3000 MHz
For price, delivery, and to place orders: Hittite Microwave Corporation,20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Loop Filter
Bw (khz)
c1
(pF)
c2
(nF)
c3
(pF)
c4
(pF)
r2
(kΩ)
r3
(kΩ)
r4
(kΩ)
Loop Filter design
74
150
27
220
220
0.82
1
1
90
270
3.9
56
56
1.2
1
1
Loop Filter Configuration Table
Figure 19. Worst Spur, Fixed 50 MHz
Reference, Output Freq. = 2000.1 MHz[9]
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0.1
1
10
100
1000
10000
100000
OFFSET (kHz)
Figure 20. Worst Spur, Tunable Reference,
Output Frequency = 2000.1 MHz [9]
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0.1
1
10
100
1000
10000
100000
OFFSET (kHz)
Figure 21. Worst Spur, Fixed vs. Tunable
Reference [10]
-120
-110
-100
-90
-80
-70
-60
-50
2GHz +1kHz
2GHz +10kHz
2GHz +100kHz
2GHz +1000kHz
2GHz +10000kHz
Fixed 50 MHz Reference
Tunable Reference
OUTPUT FREQUENCY
[9] capability of hMc830LP6ge to generate low frequencies (as low as 25 Mhz), enables the hMc830LP6ge to be used as a tunable reference
source into another hMc830LP6ge, which maximizes spur performance of the second hMc830LP6ge. Please see “hMc830LP6ge
application information” for more information.
[10] the graph is generated by observing, and plotting, the magnitude of only the worst spur (largest magnitude), at any offset, at each output
frequency, while using a fixed 50 Mhz reference and a tunable reference tuned to 47.5 Mhz. see “hMc830LP6ge application information” for
more details.
[11] Phase noise performance of the hMc830LP6ge when used as a tunable reference source. hMc830LP6ge is operating at 3 ghz/30, 3
ghz/54, and 1.55 ghz/62 for the 100 Mhz, 55.55 Mhz, and 25 Mhz curves respectively. 25 Mhz output is 50 Mhz low pass filtered prior to input
to second PLL. 100 Mhz and 55.55 Mhz curves were not filtered.
Figure 22. Low Frequency Performance [11]
-170
-160
-150
-140
-130
-120
0.1
1
10
100
1000
10000
100000
Carrier Frequency = 25 MHz
Carrier Frequency = 55.55 MHz
Carrier Frequency = 100 MHz
OFFSET (kHz)


Similar Part No. - HMC830LP6GE_1110

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC830LP6GE HITTITE-HMC830LP6GE_12 Datasheet
2Mb / 12P
   Fractional-N PLL with Integrated VCO
More results

Similar Description - HMC830LP6GE_1110

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
logo
Analog Devices
HMC1034LP6GE AD-HMC1034LP6GE Datasheet
921Kb / 14P
   CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com