Electronic Components Datasheet Search |
|
TC1N758A Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
TC1N758A Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
1 / 4 page Number : DB-209 January 2010/ C Page 1 SE M IC OND UC TOR TAK CHEONG ® 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators Absolute Maximum Ratings TA = 25°C unless otherwise noted Parameter Value Units Power Dissipation 500 mW Storage Temperature Range -65 to +200 °C Operating Junction Temperature +200 °C These ratings are limiting values above which the serviceability of the diode may be impaired. Specification Features: Zener Voltage Range 3.3 to 12 Volts DO-35 Package (JEDEC) Through-Hole Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable RoHS Compliant Solder Hot Dip Tin (Sn) Lead Finish Cathode Indicated By Polarity Band Electrical Characteristics TA = 25°C unless otherwise noted Device Type VZ @ IZT (Volts) Nominal IZT (mA) ZZT @ IZT () Max IR @ VR (A) Max VR (Volt) TC1N746A 3.3 20 28 10 1 TC1N747A 3.6 20 24 10 1 TC1N748A 3.9 20 23 10 1 TC1N749A 4.3 20 22 2 1 TC1N750A 4.7 20 19 2 1 TC1N751A 5.1 20 17 1 1 TC1N752A 5.6 20 11 1 1 TC1N753A 6.2 20 7 0.1 1 TC1N754A 6.8 20 5 0.1 1 TC1N755A 7.5 20 6 0.1 1 TC1N756A 8.2 20 8 0.1 1 TC1N757A 9.1 20 10 0.1 1 TC1N758A 10 20 17 0.1 1 TC1N759A 12 20 30 0.1 1 VF Forward Voltage = 1.5 V Maximum @ IF = 200 mA for all types Cathode Anode ELECTRICAL SYMBOL L 7x xT DEVICE MARKING DIAGRAM L : Logo Device Code : TC1N7xxT Tolerance (T) : (Blank) = 10% : A = 5% : C = 2% : D = 1% AXIAL LEAD DO35 |
Similar Part No. - TC1N758A |
|
Similar Description - TC1N758A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |