Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1N4148M Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TC1N4148M
Description  300 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N4148M Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N4148M Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4148M Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4148M Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4148M Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Number: DB-050
Jan 2010 / F
Page 1
SE M IC OND UC TOR
TAK CHEONG
®
300 mW DO-34 Hermetically
Sealed Glass Fast Switching
Diodes
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
300
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
+150
°C
WIV
Working Inverse Voltage
75
V
IO
Average Rectified Current
150
mA
IFM
Non-repetitive Peak Forward Current
450
mA
IFSURGE
Peak Forward Surge Current
(Pulse Width = 1.0 µsecond)
2
A
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Fast Switching Device (TRR <4.0 nS)
DO-34 Package (JEDEC DO-204)
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Lads Are Readily Solderable
RoHS Compliant
Solder Hot Dip Tin (Sn) Terminal Finish
Cathode Indicated By Polarity Band
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
BV
Breakdown Voltage
IR=100µA
IR=5µA
100
75
Volts
IR
Reverse Leakage Current
VR=20V
VR=75V
25
5
nA
µA
VF
Forward Voltage
TC1N4448M, TC1N914BM
TC1N4148M, TC1N4148M
TC1N4448M, TC1N914BM
IF=5mA
IF=10mA
IF=100mA
0.62
0.72
1.0
1.0
Volts
TRR
Reverse Recovery Time
IF=10mA, VR=6V
RL=100
IRR=1mA
4
nS
C
Capacitance
VR=0V, f=1MHZ
4
pF
Cathode
Anode
ELECTRICAL SYMBOL
DEVICE MARKING DIAGRAM
(TC1N4148M)
L
: Logo
AXIAL LEAD
DO34
L
: Logo
Device Code : TC1NxxxxM
DEVICE MARKING DIAGRAM
(TC1N4448M / TC1N914BM)


Similar Part No. - TC1N4148M

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC1N4148M TAK_CHEONG-TC1N4148M Datasheet
125Kb / 4P
   300 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
More results

Similar Description - TC1N4148M

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC1N4148M TAK_CHEONG-TC1N4148M Datasheet
125Kb / 4P
   300 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
TC1SS133M TAK_CHEONG-TC1SS133M Datasheet
67Kb / 2P
   300 mW DO-34 Hermetically Sealed Glass Switching Diodes
logo
Yea Shin Technology Co....
1N4448 YEASHIN-1N4448 Datasheet
309Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
1N4148 YEASHIN-1N4148 Datasheet
1Mb / 4P
   500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
1N4148M YEASHIN-1N4148M Datasheet
545Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TC1SS244M TAK_CHEONG-TC1SS244M_08 Datasheet
136Kb / 4P
   300 mW DO-34 Hermetically Sealed Glass - High Voltage Switching Diodes
TC1SS244M TAK_CHEONG-TC1SS244M Datasheet
67Kb / 2P
   300 mW DO-34 Hermetically Sealed Glass - High Voltage Switching Diodes
TC1N4148 TAK_CHEONG-TC1N4148 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TCBAW76 TAK_CHEONG-TCBAW76 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
Shanghai Leiditech Elec...
1N4148 LEIDITECH-1N4148 Datasheet
2Mb / 3P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com