Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC817LP4E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC817LP4E
Description  SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 550 - 1200 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC817LP4E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC817LP4E_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 2
Input Return Loss vs. Temperature [1]
Output Return Loss vs. Temperature [1]
Broadband Gain & Return Loss
HMC817LP4E
v00.1108
SMT GaAs pHEMT DUAL CHANNEL
LOW NOISE AMPLIFIER, 550 - 1200 MHz
[1] Vdd = 5V [2] Vdd = 3V
Gain vs. Temperature [2]
Gain vs. Temperature [1]
Reverse Isolation vs. Temperature [1]
-35
-25
-15
-5
5
15
25
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Vdd= 5V
Vdd= 3V
FREQUENCY (GHz)
S21
S22
S11
10
12
14
16
18
20
22
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
- 40C
FREQUENCY (GHz)
10
12
14
16
18
20
22
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
- 40C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25 C
+85 C
- 40 C
FREQUENCY (GHz)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn