Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC817LP4E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part No. HMC817LP4E
Description  SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 550 - 1200 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC817LP4E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC817LP4E_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 6
Outline Drawing
part Number
package Body material
lead finish
msl rating
package marking [1]
HmC817lp4e
roHs-compliant low stress injection molded plastic
100% matte sn
msl1
[2]
H817
XXXX
[1] 4-Digit lot number XXXX
[2] max peak reflow temperature of 260 °C
NoTes:
1. leADfrAme mATeriAl: Copper AlloY
2. DimeNsioNs Are iN iNCHes [millimeTers]
3. leAD spACiNG TolerANCe is NoN-CUmUlATiVe
4. pAD BUrr leNGTH sHAll Be 0.15mm mAXimUm.
pAD BUrr HeiGHT sHAll Be 0.05mm mAXimUm.
5. pACKAGe wArp sHAll NoT eXCeeD 0.05mm.
6. All GroUND leADs AND GroUND pADDle mUsT Be solDereD To pCB rf GroUND.
7. refer To HiTTiTe AppliCATioN NoTe for sUGGesTeD lAND pATTerN.
Package Information
HMC817LP4E
v00.1108
SMT GaAs pHEMT DUAL CHANNEL
LOW NOISE AMPLIFIER, 550 - 1200 MHz
Pin Descriptions
pin Number
function
Description
interface schematic
1, 6
rfiN1, rfiN2
These pins are matched to 50 ohms.
2, 5, 7, 12,
14, 17, 19, 24
GND
These pins and package bottom must be
connected to rf/DC Ground.
3, 4, 8 - 10,
21 - 23
N/C
No connection required. These pins may be connected
to rf/DC ground without affecting performance.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn