Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC817LP4E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC817LP4E
Description  SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 550 - 1200 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC817LP4E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC817LP4E_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
Absolute Maximum Ratings
eleCTrosTATiC seNsiTiVe DeViCe
oBserVe HANDliNG preCAUTioNs
Typical Supply
Current vs. Vdd (Rbias = 10kΩ)
HMC817LP4E
v00.1108
SMT GaAs pHEMT DUAL CHANNEL
LOW NOISE AMPLIFIER, 550 - 1200 MHz
Drain Bias Voltage (Vdd)
+6V
rf input power (rfiN)
(Vdd = +5 Vdc)
+10 dBm
Channel Temperature
150 °C
Continuous pdiss (T= 85 °C)
(derate 16.67 mw/°C above 85 °C)
1.08 w
Thermal resistance
(channel to ground paddle)
60 °C/w
storage Temperature
-65 to +150 °C
operating Temperature
-40 to +85 °C
Vdd (V)
idd (mA)
2.7
24
3.0
34
3.3
44
4.5
82
5.0
95
5.5
105
Note: Amplifier will operate over full voltage ranges shown above.
[1] Vdd = 5V [2] Vdd = 3V
Cross Channel Isolation [1]
Magnitude Balance [1]
Phase Balance [1]
-40
-30
-20
-10
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
RFIN1 TO RFOUT2
RFIN2 TO RFOUT1
FREQUENCY (GHz)
-1
-0.5
0
0.5
1
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
FREQUENCY (GHz)
-2
-1
0
1
2
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
FREQUENCY (GHz)
Absolute Bias Register for Idd
Range & Recommended Bias Resistor
Vdd (V)
rbias Ω
idd (mA)
min
max
recommended
3V
10k
open
circuit
10k
34
5V
0
open
circuit
820
58
2k
78
10k
95
With Vdd = 3V Rbias <10k is not recommended and may result in
LNA becoming conditionally unstable.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn