Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC817LP4E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part No. HMC817LP4E
Description  SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 550 - 1200 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC817LP4E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC817LP4E_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC817LP4E_10 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 4
Power Compression @ 700 MHz [2]
HMC817LP4E
v00.1108
SMT GaAs pHEMT DUAL CHANNEL
LOW NOISE AMPLIFIER, 550 - 1200 MHz
Power Compression @ 900 MHz [2]
Power Compression @ 700 MHz [1]
Power Compression @ 900 MHz [1]
[1] Vdd = 5V [2] Vdd = 3V
Gain, Power & Noise Figure
vs. Supply Voltage @ 700 MHz
Gain, Power & Noise Figure
vs. Supply Voltage @ 900 MHz
14
16
18
20
22
24
0
0.2
0.4
0.6
0.8
1
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Gain
P1dB
Noise Figure
SUPPLY VOLTAGE (V)
14
16
18
20
22
24
0
0.2
0.4
0.6
0.8
1
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Gain
P1dB
Noise Figure
SUPPLY VOLTAGE (V)
-10
0
10
20
30
40
50
-16 -14 -12 -10 -8
-6
-4
-2
0
2
4
6
Pout
Gain
PAE
INPUT POWER (dBm)
-10
0
10
20
30
40
50
60
-16
-14
-12
-10
-8
-6
-4
-2
0
2
Pout
Gain
PAE
INPUT POWER (dBm)
-10
0
10
20
30
40
50
-16 -14 -12 -10 -8
-6
-4
-2
0
2
4
6
8
Pout
Gain
PAE
INPUT POWER (dBm)
-10
0
10
20
30
40
50
60
-16 -14 -12 -10 -8
-6
-4
-2
0
2
4
6
Pout
Gain
PAE
INPUT POWER (dBm)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn