Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC791LC4B Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC791LC4B
Description  28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC791LC4B Datasheet(HTML) 2 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 2
Electrical Specifications, T
A = +25° C, Vee = Vee1 = Vee2 = Vee3 = -3.3V
HMC791LC4B
v02.1209
28 GHz CLOCK
DIVIDE-BY-2 / DIVIDE-BY-4
Parameter
Conditions
Min.
Typ.
Max.
Units
CK/2 Output Amplitude
Differential p-p
600
mV
CK/4 Output Amplitude
Differential p-p
600
mV
CK/2 Output Return Loss
<14 GHz
10
dB
CK/4 Output Return Loss
<7 GHz
15
dB
CK/2 Output High Voltage
GND Referenced
-10
mV
CK/2 Output Low Voltage
GND Referenced
-340
mV
CK/4 Output High Voltage
GND Referenced
-9
mV
CK/4 Output Low Voltage
GND Referenced
-350
mV
Additive Random Jitter [1]
@ 28 GHz, CK/2 Output, RMS
200
fs
@ 28 GHz, CK/4 Output, RMS
280
fs
CK/2 Output Rise/Fall Time
@ 28 GHz Input, 20% - 80%
12 / 14
ps
CK/4 Output Rise/Fall Time
@ 28 GHz Input, 20% - 80%
17 / 16
ps
CK/2 SSB Phase Noise
10 GHz input @ 100 kHz Offset
-151
dBc/Hz
CK/4 SSB Phase Noise
10 GHz input @ 100 kHz Offset
-150
dBc/Hz
[1] Cable and eval board contribution is de-embedded. RJ
added = √ [ (RJtested)
2 – (RJ
thru)
2 ]
DC Current vs. Vee Over Temperature
Recommended Operating Window [2]
0
50
100
150
200
250
300
-3.6
-3.45
-3.3
-3.15
-3
25C
85C
-5C
SUPPLY VOLTAGE Vee (V)
-25
-20
-15
-10
-5
0
5
10
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
FREQUENCY (GHz)
Recommended
Operating Window
[2] See recommended single ended configuration.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn