Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC791LC4B Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC791LC4B
Description  28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC791LC4B Datasheet(HTML) 5 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 5
Output Signal
Timing Diagram
Truth Table
Inputs
Outputs (Q
k-1)
Outputs (Q
k)
CK
CK/2
CK/4
CK/2
CK/4
L à H
H
H
L
H
L à H
L
H
H
H
L à H
H
L
L
L
L à H
L
L
H
L
H à L
H
H
H
L
H à L
L
H
L
L
H à L
H
L
H
H
H à L
L
L
L
H
Notes:
CK = CKP- CKN
CK/2 = CKP/2 – CKN/2
CK/4 = CKP/4 – CKN/4
H denotes high voltage level
L denotes low voltage level
L à H denotes rising edge
H à L denotes falling edge
HMC791LC4B
v02.1209
28 GHz CLOCK
DIVIDE-BY-2 / DIVIDE-BY-4
[1] Test Conditions:
CK/2 and CK/4 outputs are presented on an Infinium 86100C
Input Clock Frequency = 28 GHz
Vin = -6 dBm
Measurements
Current
Minimum
Maximum
Total Count
Rise Time (/2) 12.00 ps
12.00 ps
12.67 ps
50
Fall Time (/2) 12.67 ps
12.67 ps
13.33 ps
51
Rise Time (/4) 16.67 ps
16.00 ps
16.67 ps
51
Fall Time (/4) 16.67 ps
16.67 ps
16.67 ps
51
Vertical Scale (/2)
65 mV/div
Vertical Scale (/4)
80 mV/div
Horizontal Scale
30.0.ps/div
/2
/4


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn