Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC791LC4B Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part No. HMC791LC4B
Description  28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC791LC4B Datasheet(HTML) 4 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 4
RMS Jitter vs. Vee
Over Temperature, Divide-by-2
Phase Noise vs. Offset Frequency,
Divide-by-2 [1]
RMS Jitter vs. Vee
Over Temperature, Divide-by-4
Phase Noise vs. Offset Frequency,
Divide-by-4 [1]
0
50
100
150
200
250
300
-3.6
-3.45
-3.3
-3.15
-3
25C
85C
-5C
SUPPLY VOLTAGE Vee (V)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY OFFSET (Hz)
0
100
200
300
400
500
-3.6
-3.45
-3.3
-3.15
-3
+25C
+85C
-5C
SUPPLY VOLTAGE Vee (V)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY OFFSET (Hz)
HMC791LC4B
v02.1209
28 GHz CLOCK
DIVIDE-BY-2 / DIVIDE-BY-4
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
Divide-by-2
Divide-by-4
FREQUENCY (GHz)
[1] Input Frequency = 10 GHz


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn