Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2192 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part No. 2SK2192
Description  VX-2 Series Power MOSFET(500V 12A)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Homepage  http://www.shindengen.co.jp/
Logo 

2SK2192 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Static Drain-Source On-state Resistance
0.1
1
-50
0
50
100
150
2SK2192
VGS = 10V
pulse test
TYP
ID = 6A
Case Temperature Tc [
°C]


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK2191VX-2 Series Power MOSFET 500V 12A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2193VX-2 Series Power MOSFET 500V 12A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2475VX-2 Series Power MOSFET 500V 12A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK3012VX-2 Series Power MOSFET 600V 12A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
STP9NK50ZN-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
JANSR2N73982A 500V 2.50 Ohm Rad Hard N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
2SK1391LVX Series Power MOSFET 1 2 List of Unclassifed Manufacturers
2SJ37260V SERIES POWER MOSFET 1 Shindengen Electric Mfg.Co.Ltd
2SK2190VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK3009VX-2 Series Power MOSFET 600V 8A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn