Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2SK2191 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part No. 2SK2191
Description  VX-2 Series Power MOSFET(500V 12A)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Homepage  http://www.shindengen.co.jp/
Logo 

2SK2191 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SHINDENGEN
2SK2191
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
(F12S50VX2)
500V 12A
Case : E-pack
VX-2 Series Power MOSFET
N-Channel Enhancement type
(Unit : mm)
Case : STO-220
Switching power supply of AC 100V input
High voltage power supply
Inverter
APPLICATION
Input capacitance (Ciss) is small.
Especially, input capacitance
at 0 biass is small.
The static Rds(on) is small.
The switching time is fast.
FEATURES
●Absolute Maximum Ratings (Tc = 25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~150
Channel Temperature
Tch
150
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
Continuous Drain Current(DC)
ID
12
Continuous Drain Current(Peak)
IDP
36
A
Continuous Source Current(DC)
IS
12
Total Power Dissipation
PT
60
W
Single Pulse Avalanche Current
IAS
Tch = 25℃
12A


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK2192VX-2 Series Power MOSFET 500V 12A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2193VX-2 Series Power MOSFET 500V 12A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2475VX-2 Series Power MOSFET 500V 12A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK3012VX-2 Series Power MOSFET 600V 12A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
STP9NK50ZN-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
JANSR2N73982A 500V 2.50 Ohm Rad Hard N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
2SK1391LVX Series Power MOSFET 1 2 List of Unclassifed Manufacturers
2SJ37260V SERIES POWER MOSFET 1 Shindengen Electric Mfg.Co.Ltd
2SK2190VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK3009VX-2 Series Power MOSFET 600V 8A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn