Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2SK2190 Datasheet(PDF) 6 Page - Shindengen Electric Mfg.Co.Ltd

Part No. 2SK2190
Description  VX-2 Series Power MOSFET(500V 10A)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Homepage  http://www.shindengen.co.jp/
Logo 

2SK2190 Datasheet(HTML) 6 Page - Shindengen Electric Mfg.Co.Ltd

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Safe Operating Area
0.01
0.1
1
10
100
1
10
100
1000
2SK2190
100
µs
Tc = 25
°C
Single Pulse
200
µs
1ms
10ms
DC
Drain-Source Voltage VDS [V]
RDS(ON)
limit


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK2799VX-2 Series Power MOSFET 350V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2186VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2187VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2188VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2189VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
BUZ45B10A 500V 0.500 Ohm N-Channel Power MOSFET 1 2 3 4 5 Intersil Corporation
HUF76609D310A 100V 0.165 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FRM450D10A 500V 0.600 Ohm Rad Hard N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
RFH10N4510A 450V and 500V 0.600 Ohm N-Channel Power MOSFETs 1 2 3 4 Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn