Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2SK2185 Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part No. 2SK2185
Description  VX-2 Series Power MOSFET(500V5A)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Homepage  http://www.shindengen.co.jp/
Logo 

2SK2185 Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Gate Threshold Voltage
0
1
2
3
4
5
-50
0
50
100
150
2SK2185
VDS = 10V
ID = 1mA
TYP
Case Temperature Tc [
°C]


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK2189VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
APTC80H29SCTFull - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreAdvanced Power Technology
APTM120U10SASingle switch Series & parallel diodes MOSFET Power Module 1 2 3 4 5 MoreAdvanced Power Technology
2SJ36560V SERIES POWER MOSFET 1 Shindengen Electric Mfg.Co.Ltd
2SK2190VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
APTM50HM75STGFull bridge Series & parallel diodes MOSFET Power Module 1 2 3 4 5 MoreAdvanced Power Technology
APTM120A20DPhase leg with Series diodes MOSFET Power Module 1 2 3 4 5 MoreAdvanced Power Technology
APTM120U100D-ALNSingle switch with Series diodes MOSFET Power Module 1 2 3 4 5 MoreAdvanced Power Technology
2SJ36860V SERIES POWER MOSFET 1 Shindengen Electric Mfg.Co.Ltd
2SK2191VX-2 Series Power MOSFET 500V 12A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn