Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5226B Datasheet(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # 1N5226B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

1N5226B Datasheet(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  1N5226B Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5226B Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5226B Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5226B Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5226B Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Number:DB-076
Sep. 2010 / F
Page 3
L i c e n s e d b y O N S e m i c o n d u c t o r ,
A t r a d e m a r k o f s e m i c o n d u c t o r
C o m p o n e n t s
I n d u s t r i e s ,
L L C
f o r
Z e n e r T e c h n o l o g y a n d P r o d u c t s .
TAK CHEONG
®
ELECTRICAL CHARACTERISTICS (TA = 25℃ unless otherwise noted. )
Zener Voltage (Note 2.)
Zener Impedance (Note 3.)
Leakage Current
VZ (Volts)
@IZT
ZZT @IZT
ZZK @IZK
IR @ VR
θ
VZ
(Note 4.)
Device
(Note 1.)
Device
Marking
Min
Nom
Max
(mA)
(Ω)
(Ω)
(mA)
(uA Max)
(Volts)
(mA)
1N5261B
1N5262B
1N5263B
1N5264B
1N5265B
1N5261B
1N5262B
1N5263B
1N5264B
1N5265B
44.65
48.45
53.20
57.00
58.90
47
51
56
60
62
49.35
53.55
58.80
63.00
65.10
2.7
2.5
2.2
2.1
2.0
105
125
150
170
185
1000
1100
1300
1400
1400
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
36
39
43
46
47
+0.095
+0.096
+0.096
+0.097
+0.097
1N5266B
1N5267B
1N5268B
1N5269B
1N5270B
1N5266B
1N5267B
1N5268B
1N5269B
1N5270B
64.60
71.25
77.90
82.65
86.45
68
75
82
87
91
71.40
78.75
86.10
91.35
95.55
1.8
1.7
1.5
1.4
1.4
230
270
330
370
400
1600
1700
2000
2200
2300
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
52
56
62
68
69
+0.097
+0.098
+0.098
+0.099
+0.099
1N5271B
1N5272B
1N5273B
1N5274B
1N5275B
1N5271B
1N5272B
1N5273B
1N5274B
1N5275B
95.0
104.5
114.0
123.5
133.0
100
110
120
130
140
105.0
115.5
126.0
136.5
147.0
1.3
1.1
1.0
0.95
0.9
500
750
900
1100
1300
2600
3000
4000
4500
4500
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
76
84
91
99
106
+0.11
+0.11
+0.11
+0.11
+0.11
1N5276B
1N5277B
1N5278B
1N5279B
1N5280B
1N5276B
1N5277B
1N5278B
1N5279B
1N5280B
142.5
152.0
161.5
171.0
180.5
150
160
170
180
190
157.5
168.0
178.5
189.0
199.5
0.85
0.8
0.74
0.68
0.66
1500
1700
1900
2200
2400
5000
5500
5500
6000
6500
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
114
122
129
137
144
+0.11
+0.11
+0.11
+0.11
+0.11
VF =1.1V Max @IF = 200mA for 30V below types, VF = 2.0V Max @IF = 200mA for 30~56V types, VF = 3.0V Max @IF = 200mA for 60V
above types
2. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of ± 5%.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device
junction in thermal equilibrium.
4. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT and ZZk are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are
for IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz.
5. TEMPERATURE COEFFICIENT (θVZ)
Test conditions for temperature coefficient are as follows:
A. IZT = 7.5mA, T1 = 25℃, T2 = 125℃ (1N5221B through 1N5242B)
B. IZT = Rated IZT , T1 = 25℃, T2= 125℃ (1N5243B through 1N5281B)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.


Similar Part No. - 1N5226B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5226B VISHAY-1N5226B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5226B ZSELEC-1N5226B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Tiger Electronic Co.,Lt...
1N5226B TGS-1N5226B Datasheet
264Kb / 3P
   Zener diode
logo
Weitron Technology
1N5226B WEITRON-1N5226B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
1N5226B YEASHIN-1N5226B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5226B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com