Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1413S065HN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ADC1413S065HN
Description  Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413S065HN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ADC1413S065HN Datasheet HTML 4Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 5Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 6Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 7Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 8Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 9Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 10Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 11Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
10. Dynamic characteristics
10.1 Dynamic characteristics
Table 6.
Dynamic characteristics [1]
Symbol
Parameter
Conditions
ADC1413S065
ADC1413S080
ADC1413S105
ADC1413S125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
2H
second harmonic
level
fi = 3 MHz
-
87
--
87
--
86
-
-
88
-
dBc
fi = 30 MHz
-86
-
-
86-
-86-
-
87
-
dBc
fi = 70 MHz
-85
-
-
85-
-84-
-
85
-
dBc
fi = 170 MHz
-
82
-
-
82
-
-
81
-
-
83
-
dBc
3H
third harmonic level
fi = 3 MHz
-
86
--
86
--
85
-
-
87
-
dBc
fi = 30 MHz
-85
-
-
85-
-85-
-
86
-
dBc
fi = 70 MHz
-84
-
-
84-
-83-
-
84
-
dBc
fi = 170 MHz
-
81
-
-
81
-
-
80
-
-
82
-
dBc
THD
total harmonic
distortion
fi = 3 MHz
-
83
--
83
--
82
-
-
84
-
dBc
fi = 30 MHz
-82
-
-
82-
-82-
-
83
-
dBc
fi = 70 MHz
-81
-
-
81-
-80-
-
81
-
dBc
fi = 170 MHz
-
78
-
-
78
-
-
77
-
-
79
-
dBc
ENOB
effective number of
bits
fi = 3 MHz
-
11.7
--
11.7
--
11.6
-
-
11.6
-
bits
fi = 30 MHz
-
11.6
-
-
11.5
-
-
11.5
-
-
11.5
-
bits
fi = 70 MHz
-
11.5
-
-
11.5
-
-
11.4
-
-
11.4
-
bits
fi = 170 MHz
-
11.4
--
11.4
--
11.3
-
-
11.3
-
bits
SNR
signal-to-noise ratio
fi = 3 MHz
-
72.1
-
-
72.0
-
-
71.8
-
-
71.4
-
dBFS
fi = 30 MHz
-
71.3
-
-
71.2
-
-
71.2
-
-
71.1
-
dBFS
fi = 70 MHz
-
70.7
-
-
70.7
-
-
70.6
-
-
70.5
-
dBFS
fi = 170 MHz
-
70.2
-
-
70.1
-
-
70.0
-
-
69.9
-
dBFS
SFDR
spurious-free
dynamic range
fi = 3 MHz
-
86
--
86
--
85
-
-
87
-
dBc
fi = 30 MHz
-85
-
-
85-
-85-
-
86
-
dBc
fi = 70 MHz
-84
-
-
84-
-83-
-
84
-
dBc
fi = 170 MHz
-
81
-
-
81
-
-
80
-
-
82
-
dBc


Similar Part No. - ADC1413S065HN

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1413S065HN-C1 IDT-ADC1413S065HN-C1 Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results

Similar Description - ADC1413S065HN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com