Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC683LP6C Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC683LP6C
Description  HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC683LP6C Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC683LP6C Datasheet HTML 1Page - Hittite Microwave Corporation HMC683LP6C Datasheet HTML 2Page - Hittite Microwave Corporation HMC683LP6C Datasheet HTML 3Page - Hittite Microwave Corporation HMC683LP6C Datasheet HTML 4Page - Hittite Microwave Corporation HMC683LP6C Datasheet HTML 5Page - Hittite Microwave Corporation HMC683LP6C Datasheet HTML 6Page - Hittite Microwave Corporation HMC683LP6C Datasheet HTML 7Page - Hittite Microwave Corporation HMC683LP6C Datasheet HTML 8Page - Hittite Microwave Corporation HMC683LP6C Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
9
9 - 3
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC683LP6C / 683LP6CE
v02.0808
HIGH IP3 DUAL CHANNEL
DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
Dual Channel: LO1 to LO2 Isolation [2]
Single Channel: Input IP3 vs. LO Drive
Single Channel:
Input IP3 vs. Temperature
Dual Channel:
Channel to Channel Isolation [1]
-70
-60
-50
-40
-30
-20
-10
0.7
0.8
0.9
1
1.1
FREQUENCY (GHz)
0
5
10
15
20
25
30
0.6
0.7
0.8
0.9
1
1.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
5
10
15
20
25
30
0.6
0.7
0.8
0.9
1
1.1
-3 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
[1] For 900 mHz, rF1 = 900 mHz @ 0 dBm, rF2 = 901 mHz
@ 0 dBm, Lo = 800 mHz @ 0 dBm, iF2 terminated with
50 ohms. channel isolation is the dBc difference at iF1
port between the fundamental tone @ 100 mHz and the
leakage tone @ 101 mHz.
[2] For 900 mHz, Lo1 = 800 mHz @ 0 dBm, Lo2 = 799 mHz
@ 0 dBm, Lo1 is selected, rF1 = rF2 = 900 mHZ @ 0
dBm, iF2 terminated with 50 ohms. Lo1-Lo2 isolation
is the dBc difference measured at the iF1 port between
the fundamental tone at 100 mHz and the leakage tone
@ 101 mHz.
-60
-50
-40
-30
-20
0.6
0.7
0.8
0.9
1
1.1
RF1 TO RF2 AT IFI
RF2 TO RF1 AT IF2
FREQUENCY (GHz)
Noise Figure vs. Temperature
8
9
10
11
12
13
14
15
16
0.6
0.7
0.8
0.9
1
1.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)


Similar Part No. - HMC683LP6C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC6832 AD-HMC6832 Datasheet
924Kb / 23P
   Low Noise, 2:8 Differential Fanout Buffer
HMC6832ALP5LE AD-HMC6832ALP5LE Datasheet
924Kb / 23P
   Low Noise, 2:8 Differential Fanout Buffer
HMC6832ALP5LETR AD-HMC6832ALP5LETR Datasheet
924Kb / 23P
   Low Noise, 2:8 Differential Fanout Buffer
More results

Similar Description - HMC683LP6C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
logo
Analog Devices
HMC1190ALP6NE AD-HMC1190ALP6NE Datasheet
3Mb / 63P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ Fractional-N PLL & VCO, 0.7 - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC420QS16 HITTITE-HMC420QS16_10 Datasheet
829Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
   1.7-2.2 GHz High IP3 Dual Channel Downconverter
ML483 TRIQUINT-ML483_15 Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC990LP4E HITTITE-HMC990LP4E Datasheet
2Mb / 24P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com