Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC675LP3E_1109 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC675LP3E_1109
Description  10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC675LP3E_1109 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1 - 3
1
HMC675LP3E
v01.0811
10 GHz LATCHED COMPARATOR
WITH RSCML OUTPUT STAGE
Dispersion vs. Overdrive Voltage
Propagation Delay vs. Common Mode[1]
Output Voltage vs. Temperature
Eye Diagram
Comparator Hysteresis
vs. Rhys Control Resistor
[1] Vcci = 3.3 V, Vcc0 = 0, Vee = -3 V, VtErm = 0
-1
1
3
5
7
9
11
0
10
20
30
40
50
60
70
80
90
100
Rising Edge
Falling Edge
OVERDRIVE VOLTAGE (mV)
-5
-2.5
0
2.5
5
7.5
10
12.5
15
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Rising Edge
Falling Edge
COMMON MODE VOLTAGE (mV)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
-45
-32
-19
-6
7
20
33
46
59
72
85
VOH
VOL
TEMPERATURE (C)
0
5
10
15
100
1000
10000
RESISTANCE (Ohm)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn