Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC675LP3E_1109 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC675LP3E_1109
Description  10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC675LP3E_1109 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
1 - 2
HMC675LP3E
v01.0811
10 GHz LATCHED COMPARATOR
WITH RSCML OUTPUT STAGE
Latch Enable Characteristics
parameter
conditions
min.
typ.
max
Units
Latch Enable Input Impedance
Each pin
8
Latch to output Delay, tpLoL, tpLoH
VoD = 200 mV
85
ps
Latch minimum pulse Width, tpL
VoD = 200 mV
20
ps
Latch Enable Input range
VoD = 200 mV
1.6
2.4
V
Latch setup time, ts
VoD = 200 mV
45
ps
Latch Hold time, tH
-42
ps
DC Output Characteristics, with 50 Ω to GND
parameter
conditions
min.
typ.
max
Units
output Voltage High Level, Voh
-10
0
mV
output Voltage Low Level, Vol
-420
-400
-380
mV
output Voltage Differential swing
410
400
380
mV
AC Performance
parameter
conditions
min.
typ.
max
Units
propagation Delay - tpD, tpDL, tpDH
VoD = 500 mV
70
100
130
ps
propagation Delay, temperature coefficient
0.45
ps / °c
propagation Delay skew
(rising to Falling transition)
VoD - 500 mV
10
ps
VoD Dispersion
50 mV < VoD < 1 V
10
ps
tpD vs. common mode Dispersion,
-1.75 V <Vcm <1.75 V
VoD = 500 mV
3
ps
Noise (rtI)
3.2
nV/√(Hz) rtI
Equivalent Input Bandwidth [1]
8.5
10
10.5
GHz
Deterministic Jitter (pp)
Deterministic Jitter at 10 Gbps
with ±100 mV overdrive
2
ps
random Jitter (rms)
random Jitter at 10 Gbps
with ±100 mV overdrive
0.2
ps rms
Input signal minimum pulse Width
60
ps
Q / QB rise time
From 20% to 80%
27
ps
Q / QB Fall time
From 20% to 80%
18
ps
Power Supply Requirements
parameter
conditions
min.
typ.
max
Units
Input supply current, Icci
9
ma
output supply current, Icco
8
ma
Vee current, lee
24
ma
power Dissipation, pd
100
mW
psrr, Vcci
35
dB
psrr, Vee
35
dB
Note 1: Equivalent Input Bandwidth is calculated with the following formula: Bweq=0.22/√ (trcomp2-trIN2) where trIN is the 20%/80%
transition time of a quasi-Gaussian signal applied to the comparator input, and trcomp is the effective transition time digitized by the
comparator.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn