Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC675LP3E_1109 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC675LP3E_1109
Description  10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC675LP3E_1109 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC675LP3E_1109 Datasheet HTML 1Page - Hittite Microwave Corporation HMC675LP3E_1109 Datasheet HTML 2Page - Hittite Microwave Corporation HMC675LP3E_1109 Datasheet HTML 3Page - Hittite Microwave Corporation HMC675LP3E_1109 Datasheet HTML 4Page - Hittite Microwave Corporation HMC675LP3E_1109 Datasheet HTML 5Page - Hittite Microwave Corporation HMC675LP3E_1109 Datasheet HTML 6Page - Hittite Microwave Corporation HMC675LP3E_1109 Datasheet HTML 7Page - Hittite Microwave Corporation HMC675LP3E_1109 Datasheet HTML 8Page - Hittite Microwave Corporation HMC675LP3E_1109 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1 - 1
1
the Hmc675Lp3E is a siGe monolithic, ultra fast
comparator which features reduced swing (rs) cmL
output drivers and latch inputs. the comparator
supports 10 Gbps operation while providing 100 ps
propagation delay and 60 ps minimum pulse width with
0.2 ps rms random jitter (rJ). overdrive and slew rate
dispersion are typically 10 ps, making the device ideal
for a wide range of applications from atE to broadband
communications. the reduced swing cmL output stage
is designed to directly drive 400 mV into 50 ohms
terminated to GND. the Hmc675Lp3E features high
speed latch and programmable hysteresis and may
be configured to operate in either latch mode, or as a
tracking comparator.
General Description
HMC675LP3E
Features
Functional Diagram
Equivalent Input Bandwidth: 10 GHz
propagation Delay: 100 ps
overdrive & slew rate Dispersion: 10 ps
minimum pulse Width: 60 ps
resistor programmable Hysteresis
Differential Latch control
power Dissipation: 100 mW
rspEcL and rsEcL Versions available
16 Lead 3x3 mm smt package: 9 mm2
Typical Applications
the Hmc675Lp3E is ideal for:
• ATE Applications
• High Speed Instrumentation
• Digital Receiver Systems
• Pulse Spectroscopy
• High Speed Trigger Circuits
• Clock & Data Restoration
Electrical Specifications, TA = +25 °C, Vcci= +3.3 V, Vcco = 0 V, Vee = -3 V, V
TERM = 0 V
parameter
conditions
min.
typ.
max
Units
Input Voltage range
-2
2
V
Input Differential Voltage
-1.75
1.75
V
Input offset Voltage
±5
mV
Input offset Voltage, temperature coefficient
15
µV / °c
Input Bias current
15
ua
Input Bias current temperature coefficient
50
na / °c
Input offset current
4
µa
Input Impedance
50
Ω
common mode Input Impedance
350
Differential Input Impedance
15
active Gain
43
dB
common mode rejection ratio
80
dB
Hysteresis
rhys = ∞
±1
mV
10 GHz LATCHED COMPARATOR
WITH RSCML OUTPUT STAGE
v01.0811


Similar Part No. - HMC675LP3E_1109

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC675LP3E HITTITE-HMC675LP3E Datasheet
678Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Analog Devices
HMC675LP3E AD-HMC675LP3E Datasheet
549Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
More results

Similar Description - HMC675LP3E_1109

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC675LP3E AD-HMC675LP3E Datasheet
549Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC675LC3C HITTITE-HMC675LC3C Datasheet
482Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Analog Devices
HMC675LC3C AD-HMC675LC3C Datasheet
561Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC675LP3E HITTITE-HMC675LP3E Datasheet
678Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC676LP3E_1109 HITTITE-HMC676LP3E_1109 Datasheet
593Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC674LC3C HITTITE-HMC674LC3C Datasheet
555Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
HMC674LP3E HITTITE-HMC674LP3E Datasheet
492Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
HMC676LC3C HITTITE-HMC676LC3C Datasheet
550Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC676LP3E HITTITE-HMC676LP3E Datasheet
675Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
logo
Analog Devices
HMC875LC3C AD-HMC875LC3C Datasheet
596Kb / 10P
   20 Gbps Clocked COMPARATOR with RSCML OUTPUT STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com