Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC675LP3E_1109 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part No. HMC675LP3E_1109
Description  10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC675LP3E_1109 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1 - 7
1
HMC675LP3E
v01.0811
10 GHz LATCHED COMPARATOR
WITH RSCML OUTPUT STAGE
pin Number
Function
Description
Interface schematic
1
Vtp
termination resistor return pin for Vp Input.
2
INp
Non-Inverting analog input
3
INN
Inverting analog input
4
VtN
termination resistor return pin for Vn input
5, 16
Vcci
positive supply voltage input stage.
6
LE
Latch enable bar input pin, inverting side.
refer to the operational Description for more details.
7
LE
Latch enable bar input pin, non-inverting side.
refer to the operational Description for more details.
8
N/c
pin is not connected inside the package.
connect package pin to GND for improved noise.
9, 12
Vcco
positive supply voltage for the output stage.
10
Q
Inverting output. Q bar is at logic low if the analog voltage
at the non-inverting input, INp, is greater than the analog
voltage at the inverting input, INN, provided that the
comparator is in compare mode. refer to the operational
Description for more details.
11
Q
Non-inverting output. Q is at logic high if the analog voltage
at the non-inverting input, INp, is greater than the analog
voltage at the inverting input, INN, provided that the
comparator is in compare mode. refer to the operational
Description for more details.
14
HYs
Hysteresis control pin. this pin should be left disconnected
for zero hysteresis. connect to Vee with a resistor to add
the desired amount of hysteresis. refer to hysteresis graph
to determine the correct sizing of rhys hysteresis control
resistor.
13
Vee
Negative power supply, -3 V.
15
rtN
return for EsD protection.
package Base
Exposed paddle must be connected to Vee.
Pin Descriptions


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn