Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC675LP3E_1109 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC675LP3E_1109
Description  10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC675LP3E_1109 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1 - 5
1
HMC675LP3E
v01.0811
10 GHz LATCHED COMPARATOR
WITH RSCML OUTPUT STAGE
the Hmc675Lp3E is a Latched comparator with 10 GHz equivalent input bandwidth. the device is comprised of three
blocks: 1) an input amplifier, 2) a latch, and 3) an rscmL output Buffer. the latching circuit is level sensitive, and
consists of a single high-speed latch. the Hmc675Lp3E comparator supports 10 Gb/s operation. the minimum input
data latching pulse width is 60 ps.
the Hmc675Lp3E operates in either track (transparent) mode, where the output follows the logical value of the input, or
the Latch (Hold) mode, where the output value is held to the logical value of the comparison result of the input just prior
to (LE - LE_bar) going HI. track mode operation is selected by either 1) (LE - LE_bar) Lo, or 2) LE and LE_bar inputs
floating. Latch mode is selected by (LE - LE_bar) HI. the input impedance of the LE and LE_bar inputs is 8 k ohms, but
these inputs can be terminated with 50 ohm external resistors if desired.
When Dc coupled, the clock inputs operate at an input common mode voltage of 2 V. In this case, any termination
resistors would ideally be returned to 2 V. If the clock is ac coupled to the device, the input termination resistors can be
returned to ground.
Operational Description


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn