Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC628LP4 Datasheet(PDF) 11 Page - Hittite Microwave Corporation

Part No. HMC628LP4
Description  BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC628LP4 Datasheet(HTML) 11 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
12 - 44
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Pin Number
Function
Description
Interface Schematic
1RFIN
This pin is DC coupled and matched to 50 Ohms.
A blocking capacitor is needed.
2GND
These pins and package bottom must
be connected to RF/DC ground.
3 - 7
B4, B3,
B2, B1, B0
See Truth Table, Control Voltage Table
and Timing Diagram.
8LE
9DATA
10
CLK
12
PUP2
13
PUP1
14
P/S
15
SERIAL OUT
Serial input data delayed by 5 clock cycles.
16
IBIAS
Bias current to amplifier. External inductor is needed.
17
ISET
External bias resistor to adjust the current of the amplifier.
18
Vdd
Supply Voltage.
19
FB
Feedback capacitance for the amplifier.
Pin Descriptions
HMC628LP4 / 628LP4E
v07.0410
BiCMOS MMIC 5-Bit DIGITAL
VARIABLE GAIN AMPLIFIER, 50 - 800 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn