Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC628LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC628LP4
Description  BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC628LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
12 - 38
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Step Error vs. Frequency
(Only Major States are Shown)
Normal Relative Phase vs. Frequency
(Only Major States are Shown)
Bit Error vs. Frequency
(Only Major States are Shown)
Bit Error vs. Attenuation State
HMC628LP4 / 628LP4E
v07.0410
BiCMOS MMIC 5-Bit DIGITAL
VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
250 to 500 MHz Tuning
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0.2
0.3
0.4
0.5
0.6
FREQUENCY (GHz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
4
8
12
16
20
24
ATTENUATION STATE (dB)
(250, 300, 350, 400, 450, 500) MHz
-40
-20
0
20
40
60
80
0.2
0.3
0.4
0.5
0.6
FREQUENCY (GHz)
23 dB
16 dB
8 dB
1 - 4 dB
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.2
0.3
0.4
0.5
0.6
FREQUENCY (GHz)
Noise Figure vs. Frequency
0
1
2
3
4
5
6
7
8
9
10
0.2
0.3
0.4
0.5
0.6
FREQUENCY (GHz)
Output IP3 vs. Attenuation @ 350 MHz
15
20
25
30
35
40
45
0
5
10
15
20
25
ATTENUATION (dB)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn