Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

624LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 624LP4E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

624LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  624LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 3
Worst Case Step Error
Between Successive Attenuation States [2]
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
6
FREQUENCY (GHz)
16 dB
4 dB
8 dB
IP3 vs. Temperature [2]
30
40
50
60
70
80
0
1
2
3
4
5
6
FREQUENCY (GHz)
HMC624LP4 / 624LP4E
v09.0210
0.5 dB LSB GaAs MMIC 6-BIT
DIGITAL ATTENUATOR, DC - 6 GHz
Serial Control Interface
The HMC624LP4E contains a 3-wire SPI compatible digital interface (SERIN, CLK, LE). The serial control interface
is activated when P/S is kept high. The 6-bit serial word must be loaded MSB first. The positive-edge sensitive CLK
and LE requires clean transitions. If mechanical switches are used, sufficient debouncing should be provided. When
LE is high, 6-bit data in the serial input register is transferred to the attenuator. When LE is high CLK is masked to
prevent data transition during output loading.
When P/S is low, 3-wire SPI interface inputs (SERIN, CLK, LE) are disabled and the input register is loaded with
parallel digital inputs (D0-D5). When LE is high, 6-bit parallel data changes the state of the part per truth table.
For all modes of operations, the state will stay constant while LE is kept low.


Similar Part No. - 624LP4E

ManufacturerPart #DatasheetDescription
logo
ebm-papst
624L EBMPAPST-624L Datasheet
1Mb / 4P
   DC axial compact fan
624L EBMPAPST-624L_16 Datasheet
1Mb / 4P
   DC axial compact fan
More results

Similar Description - 624LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC792LP4E HITTITE-HMC792LP4E Datasheet
403Kb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC792LP4E HITTITE-HMC792LP4E_10 Datasheet
1Mb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC1095LP4E HITTITE-HMC1095LP4E Datasheet
165Kb / 1P
   0.5 dB LSB GaAs MMIC 6-BIT 75 Ohms DIGITAL ATTENUATOR, DC - 3 GHz
logo
Analog Devices
HMC542BLP4E AD-HMC542BLP4E Datasheet
742Kb / 9P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC542ALP4 HITTITE-HMC542ALP4 Datasheet
968Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
HMC542LP4 HITTITE-HMC542LP4_09 Datasheet
322Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com