Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

624LP4E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 624LP4E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

624LP4E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  624LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 624LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 5
Absolute Maximum Ratings
RF Input Power (DC - 6 GHz)
28 dBm (T = +85 °C)
Digital Inputs (Reset, Shift Clock,
Latch Enable & Serial Input)
-0.5 to Vdd +0.5V
Bias Voltage (Vdd)
5.6V
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 9.8 mW/°C above 85 °C) [1]
0.635 W
Thermal Resistance
102 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Outline Drawing
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [3]
HMC624LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H624
XXXX
HMC624LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H624
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC624LP4 / 624LP4E
v09.0210
0.5 dB LSB GaAs MMIC 6-BIT
DIGITAL ATTENUATOR, DC - 6 GHz


Similar Part No. - 624LP4E

ManufacturerPart #DatasheetDescription
logo
ebm-papst
624L EBMPAPST-624L Datasheet
1Mb / 4P
   DC axial compact fan
624L EBMPAPST-624L_16 Datasheet
1Mb / 4P
   DC axial compact fan
More results

Similar Description - 624LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC792LP4E HITTITE-HMC792LP4E Datasheet
403Kb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC792LP4E HITTITE-HMC792LP4E_10 Datasheet
1Mb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC1095LP4E HITTITE-HMC1095LP4E Datasheet
165Kb / 1P
   0.5 dB LSB GaAs MMIC 6-BIT 75 Ohms DIGITAL ATTENUATOR, DC - 3 GHz
logo
Analog Devices
HMC542BLP4E AD-HMC542BLP4E Datasheet
742Kb / 9P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC542ALP4 HITTITE-HMC542ALP4 Datasheet
968Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
HMC542LP4 HITTITE-HMC542LP4_09 Datasheet
322Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com