Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC585MS8G Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC585MS8G
Description  HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC585MS8G Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC585MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 6Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 7Page - Hittite Microwave Corporation HMC585MS8G Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9
9 - 359
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. LO Drive, IF= 100 MHz
Input IP3 vs. LO Drive, IF= 150 MHz
Input IP3 vs. LO Drive, IF= 200 MHz
HMC585MS8G / 585MS8GE
HIGH IP3 GaAs MMIC MIXER with
INTEGRATED LO AMPLIFIER, 400 - 650 MHz
v01.0907
15
20
25
30
35
40
0.37
0.42
0.47
0.52
0.57
0.62
0.67
LO = -4dBm
LO = -2dBm
LO = 0dBm
LO = +2dBm
LO = +4dBm
RF FREQUENCY (GHz)
10
15
20
25
30
35
0.37
0.42
0.47
0.52
0.57
0.62
0.67
LO = -4dBm
LO = -2dBm
LO = 0dBm
LO = +2dBm
LO = +4dBm
RF FREQUENCY (GHz)
5
10
15
20
25
30
35
0.37
0.42
0.47
0.52
0.57
0.62
0.67
LO = -4dBm
LO = -2dBm
LO =
0dBm
LO = +2dBm
LO = +4dBm
RF FREQUENCY (GHz)
Conversion Gain vs.
LO Drive, IF= 200 MHz
-25
-20
-15
-10
-5
0
0.37
0.42
0.47
0.52
0.57
0.62
0.67
-4dBm
-2dBm
0dBm
+2dBm
+4dBm
RF FREQUENCY (GHz)
Unless otherwise noted, all measurements performed as a downconverter, with high side LO & IF = 50 MHz.


Similar Part No. - HMC585MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC585MS8G HITTITE-HMC585MS8G Datasheet
297Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
HMC585MS8GE HITTITE-HMC585MS8GE Datasheet
297Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
More results

Similar Description - HMC585MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC585MS8G HITTITE-HMC585MS8G Datasheet
297Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC483MS8G HITTITE-HMC483MS8G_10 Datasheet
239Kb / 6P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
HMC483MS8G HITTITE-HMC483MS8G Datasheet
347Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
logo
Tyco Electronics
MAMXES0075 MACOM-MAMXES0075 Datasheet
68Kb / 2P
   High IP3 Mixer with LO Amplifier 823 - 851 MHz
logo
Hittite Microwave Corpo...
HMC399MS8 HITTITE-HMC399MS8_06 Datasheet
323Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC399MS8 HITTITE-HMC399MS8 Datasheet
231Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC387MS8 HITTITE-HMC387MS8_06 Datasheet
318Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8 HITTITE-HMC387MS8 Datasheet
224Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com