Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC580ST89 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC580ST89
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC580ST89 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC580ST89 Datasheet HTML 1Page - Hittite Microwave Corporation HMC580ST89 Datasheet HTML 2Page - Hittite Microwave Corporation HMC580ST89 Datasheet HTML 3Page - Hittite Microwave Corporation HMC580ST89 Datasheet HTML 4Page - Hittite Microwave Corporation HMC580ST89 Datasheet HTML 5Page - Hittite Microwave Corporation HMC580ST89 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 148
Gain, Power & OIP3 vs. Supply Voltage
for Constant Icc = 88 mA @ 850 MHz
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Vcc vs. Icc Over Temperature for
Fixed Vs= 5V, RBIAS= 1.8 Ohms
0
2
4
6
8
10
12
14
16
18
20
22
24
26
0
0.3
0.5
0.8
1
1.3
1.5
+25C
+85C
-40C
FREQUENCY (GHz)
0
4
8
12
16
20
24
28
0
0.25
0.5
0.75
1
1.25
1.5
+25C
+85C
-40C
FREQUENCY (GHz)
20
25
30
35
40
45
0
0.25
0.5
0.75
1
1.25
1.5
+25C
+85C
-40C
FREQUENCY (GHz)
78
80
82
84
86
88
90
92
94
4.82
4.83
4.84
4.85
4.86
4.87
Vcc (V)
+85C
+25C
-40C
ACPR vs. Channel Output Power
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
2468
10
12
14
16
18
WCDMA 140MHz
WCDMA 400MHz
CDMA2000 140MHz
CDMA2000 400MHz
CHANNEL OUTPUT POWER (dBm)
0
4
8
12
16
20
24
28
32
36
4.5
5
5.5
Gain
P1dB
Psat
IP3
Vs (V)
HMC580ST89 / 580ST89E
v04.0710
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 1 GHz


Similar Part No. - HMC580ST89

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC580ST89E HITTITE-HMC580ST89E Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
More results

Similar Description - HMC580ST89

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC311ST89 HITTITE-HMC311ST89 Datasheet
248Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC395 HITTITE-HMC395 Datasheet
200Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC311SC70 HITTITE-HMC311SC70_09 Datasheet
239Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC397 HITTITE-HMC397_09 Datasheet
188Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com